Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4214-1CMS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4214-1CMS
Description  Negative Low Voltage Hot Swap Controllers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4214-1CMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4214-1CMS Datasheet HTML 3Page - Linear Technology LTC4214-1CMS Datasheet HTML 4Page - Linear Technology LTC4214-1CMS Datasheet HTML 5Page - Linear Technology LTC4214-1CMS Datasheet HTML 6Page - Linear Technology LTC4214-1CMS Datasheet HTML 7Page - Linear Technology LTC4214-1CMS Datasheet HTML 8Page - Linear Technology LTC4214-1CMS Datasheet HTML 9Page - Linear Technology LTC4214-1CMS Datasheet HTML 10Page - Linear Technology LTC4214-1CMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4214-1/LTC4214-2
7
421412f
TYPICAL PERFOR A CE CHARACTERISTICS
IDRN (mA)
0.1
1
0.001
0.1
1
10
4214 G31
0.01
0.01
10
VIN = 12V
TIMER = 2.2V
TA = 25°C
TEMPERATURE (
°C)
–55
9.0
8.8
8.6
8.4
8.2
8.0
7.8
7.6
7.4
7.2
7.0
–15
25
45
125
4214 G32
–35
5
65
85 105
VIN = 12V
TIMER ON
(CIRCUIT BREAKING, IDRN = 20µA)
VDRAIN (V)
4214 G33
0.1
1
10
0.01
0.001
0.00001
0.0001
100
048
12
216
610
14
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
VIN = 12V
TEMPERATURE (
°C)
4214 G34
–55
–15
25
45
125
–35
5
65
85 105
1.40
1.35
1.30
1.25
1.20
1.15
1.10
VIN = 12V
FOR PWRGD STATUS
TEMPERATURE (
°C)
–55
–15
25
45
125
4214 G35
–35
5
65
85 105
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
VIN = 12V
IDRN = 20µA
TEMPERATURE (
°C)
4214 G36
–55
–15
25
45
125
–35
5
65
85 105
VIN = 12V
IPG = 10mA
IPG = 5mA
IPG = 1.6mA
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (
°C)
50
55
60
4214 G37
45
40
30
35
70
65
–55
105
–15
25
65
–35
125
545
85
VIN = 12V
VPWRGD = 0V
TEMPERATURE (
°C)
4214 G38
–55
–15
25
45
125
–35
5
65
85 105
160
150
140
130
120
110
100
VIN = 12V
SS PIN FLOATING,
VSS RAMPS FROM 0.2V TO 1.4V
TEMPERATURE (
°C)
0.4
0.5
0.6
4214 G39
0.3
0.2
0
0.1
0.8
0.7
–55
105
–15
25
65
–35
125
545
85
VIN = 12V
tPHLOG
tPLLUG
ITMR (Circuit Breaker, Sourcing)
vs IDRN
∆ITMRACC/∆IDRN vs Temperature
IDRN vs VDRAIN
VDRNL vs Temperature
VDRNCL vs Temperature
VPGL vs Temperature
IPGH (Sourcing) vs Temperature
tSS vs Temperature
tPLLUG and tPHLOG
vs Temperature
All voltages are referenced to VEE Unless
otherwise specified.


Similar Part No. - LTC4214-1CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results

Similar Description - LTC4214-1CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com