Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061-4 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4061-4
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061-4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4061-4 Datasheet HTML 4Page - Linear Technology LTC4061-4 Datasheet HTML 5Page - Linear Technology LTC4061-4 Datasheet HTML 6Page - Linear Technology LTC4061-4 Datasheet HTML 7Page - Linear Technology LTC4061-4 Datasheet HTML 8Page - Linear Technology LTC4061-4 Datasheet HTML 9Page - Linear Technology LTC4061-4 Datasheet HTML 10Page - Linear Technology LTC4061-4 Datasheet HTML 11Page - Linear Technology LTC4061-4 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4061-4.4
8
406144fb
a resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this
pin can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=
•1000
VCC (Pin 10): Positive Input Supply Voltage. Provides
power to the battery charger. This pin should be bypassed
with a 1µF capacitor.
GND (Exposed Pad) (Pin 11): Ground. This pin is the back
of the exposed metal pad package and must be soldered
to the PCB copper for minimal thermal resistance.
PI FU CTIO S
BLOCK DIAGRA
+
+
11
9
8
3
CA
MA
1.2V
2.9V
PROG
IDET
RDET
CTIMER
RPROG
0.1V
TO BAT
0.2V
1V
0.1V
+
+
C3
C2
LOGIC
TA
TDIE
105
°C
SHDN
40614.4 BD
GND
+
VA
BAT
1000
×
1
×
1
×
VCC
1
10
IDETECT
RECHRG
4.275V
TO BAT
EN
3M
SEL
TIMER
COUNTER
OSCILLATOR
NTC
LOGIC
EN
C/5
C/5
C/5
STOP
CHRG
ACPR
3M
5
6
7
C1
ACPR
NTC
4
2
HOT COLD DIS


Similar Part No. - LTC4061-4

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4061-4.4 LINEAR-LTC4061-4.4 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
More results

Similar Description - LTC4061-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com