Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3221-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3221-5
Description  Micropower, Regulated Charge Pump in 2 횞 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3221-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC3221-5 Datasheet HTML 1Page - Linear Technology LTC3221-5 Datasheet HTML 2Page - Linear Technology LTC3221-5 Datasheet HTML 3Page - Linear Technology LTC3221-5 Datasheet HTML 4Page - Linear Technology LTC3221-5 Datasheet HTML 5Page - Linear Technology LTC3221-5 Datasheet HTML 6Page - Linear Technology LTC3221-5 Datasheet HTML 7Page - Linear Technology LTC3221-5 Datasheet HTML 8Page - Linear Technology LTC3221-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3221/
LTC3221-3.3/LTC3221-5
1
3221f
LTC3221-X
VOUT
VIN
VOUT
3221 TA01
VIN
4.7
µF
1
µF
OFF ON
GND
C+
C
SHDN
2.2
µF
6
1
2
5
4,7
3
REGULATED 3.3V OUTPUT FROM 1.8V TO 4.4V INPUT
VOUT = 3.3V ±4%
IOUT = OmA TO 25mA; VIN >1.8V
IOUT = OmA TO 60mA; VIN >2V
REGULATED 5V OUTPUT FROM 2.7V TO 5.5V INPUT
VOUT = 5V ±4%
IOUT = OmA TO 25mA; VIN >2.7V
IOUT = OmA TO 60mA; VIN >3V
SUPPLY VOLTAGE (V)
1.5
3.0
4.0
3221 TA01b
2.0
2.5
TA = –45°C
TA = 25°C
TA = 90°C
3.5
16
14
12
10
8
6
4
2
0
4.5
Micropower,
Regulated Charge Pump
in 2 × 2 DFN
The LTC®3221 family are micropower charge pump DC/DC
converters that produce a regulated output at up to 60mA.
The input voltage range is 1.8V to 5.5V. Extremely low
operating current (8µA typical at no load) and low external
parts count (one flying capacitor and two small bypass
capacitors at VIN and VOUT) make them ideally suited for
small, battery-powered applications.
The LTC3221 family includes fixed 5V and 3.3V output
versions plus an adjustable version. All parts operate
as Burst Mode® switched capacitor voltage doublers
to achieve ultralow quiescent current. The chips use a
controlled current to supply the output and will survive
a continuous short-circuit from VOUT to GND. The FB pin
of the adjustable LTC3221 can be used to program the
desired output voltage.
The LTC3221 family is available in a low profile (0.75mm)
2mm × 2mm 6-pin DFN package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst
Mode is a registered trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S
Ultralow Power: 8µA Quiescent Current
Regulated Output Voltages: 3.3V ± 4%, 5V ± 4%, ADJ
VIN Range:
1.8V to 4.4V (LTC3221-3.3)
2.7V to 5.5V (LTC3221-5)
Output Current: Up to 60mA
No Inductors Needed
Very Low Shutdown Current: <1µA
Shutdown Disconnects Load from VIN
Burst Mode Control
Short-Circuit Protected
Solution Profile < 1mm
Tiny 2mm × 2mm 6-Pin DFN Package
Low Power 2 AA Cell to 3.3V Supply
Memory Backup Supplies
Tire Pressure Sensors
General Purpose Low Power Li-Ion to 5V Supply
RF Transmitters
Glucose Meters
No-Load Input Current
vs Supply Voltage


Similar Part No. - LTC3221-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
More results

Similar Description - LTC3221-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204B-5 LINER-LTC3204B-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-3.3 LINER-LTC3204-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-3.3 LINER-LTC3204B-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204 LINER-LTC3204 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com