Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2909CTS8-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2909CTS8-3.3
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909CTS8-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2909CTS8-3.3 Datasheet HTML 6Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 7Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 8Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 9Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 10Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 11Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 12Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 13Page - Linear Technology LTC2909CTS8-3.3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2909
10
2909fa
APPLICATIO S I FOR ATIO
Adjust Input Trip Point
The trip threshold for the supplies monitored by the adjust-
able inputs is set with an external resistor divider, allowing
the user complete control over the trip point. Selection of
this trip voltage is crucial to the reliability of the system.
Any power supply has some tolerance band within which
it is expected to operate (e.g., 5V ±10%). It is generally
undesirable that a supervisor issue a reset when the power
supply is inside this tolerance band. Such a “nuisance”
reset reduces reliability by preventing the system from
functioning under normal conditions.
To prevent nuisance resets, the supervisor threshold must
be guaranteed to lie outside the power supply tolerance
Table 2b. Possible Combinations of Supply Monitoring. For Example Purposes, All Supplies are Monitored at 5% Tolerance and
Connections are Shown Only for ADJ1, ADJ2, REF, SEL
ADJ1
ADJ2
SEL
15V (UV/OV)
RP6
2.37M
RP5
10.7k
RP4
76.8k
REF
SEL OPEN
1 Positive UV and OV
ADJ1
ADJ2
SEL
5V (OV)
15V (UV)
RP2B
1.33M
RP1B
137k
RP1A
115k
RP2A
3.09M
REF
1 Positive UV, 1 Positive OV
1 Negative OV, 1 Positive OV
ADJ1
ADJ2
SEL
–15V (UV/OV)
RN6
10.2M
RN4
309k
RN5
40.2k
REF
1 Negative UV and OV
ADJ1
ADJ2
SEL
15V (OV)
–15V (OV)
RP2
6.19M
RP1
200k
RN1
309k
RN2
10.2M
REF
ADJ1
ADJ2
SEL
–5V (UV)
–15V (OV)
RN2B
1.37M
RN1B
133k
RN1A
309k
RN2A
10.2M
REF
ADJ1
ADJ2
SEL
–15V (UV)
15V (UV)
RN2
3.09M
RN1
107k
RP1
115k
RP2
3.09M
REF
1 Positive UV, 1 Negative UV
1 Negative UV, 1 Negative OV
band. To ensure that the threshold lies outside the power
supply tolerance range, the nominal threshold must lie out-
side that range by the monitor’s accuracy specification.
All three of the LTC2909 inputs (ADJ1, ADJ2, VCC UVLO)
have the same relative threshold accuracy of ±1.5% of the
programmed nominal input voltage (over the full operating
temperature range). Therefore, using the LTC2909, the
typical 10% UV threshold is at 11.5% below the nominal
input voltage level. For a 5V input, the threshold is nominally
4.425V. With ±1.5% accuracy, the trip threshold range is
4.425V ±75mV over temperature (i.e., 10% to 13% below
5V). The monitored system must thus operate reliably
down to 4.35V or 13% below 5V over temperature.


Similar Part No. - LTC2909CTS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2909 LINER-LTC2909 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2909 LINER-LTC2909 Datasheet
291Kb / 24P
   High Voltage Surge
LTC2909 LINER-LTC2909 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2909CTS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919 Datasheet
200Kb / 16P
   Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com