Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2704IGW-16 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2704IGW-16
Description  Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2704IGW-16 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2704IGW-16 Datasheet HTML 5Page - Linear Technology LTC2704IGW-16 Datasheet HTML 6Page - Linear Technology LTC2704IGW-16 Datasheet HTML 7Page - Linear Technology LTC2704IGW-16 Datasheet HTML 8Page - Linear Technology LTC2704IGW-16 Datasheet HTML 9Page - Linear Technology LTC2704IGW-16 Datasheet HTML 10Page - Linear Technology LTC2704IGW-16 Datasheet HTML 11Page - Linear Technology LTC2704IGW-16 Datasheet HTML 12Page - Linear Technology LTC2704IGW-16 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC2704
2704f
PI FU CTIO S
C1D (Pin 18): Feedback Capacitor Connection for DAC D
Output. This pin provides direct access to the negative
input of the channel D output amplifier.
VOSD (Pin 19): Offset Adjust for DAC D. Nominal input
range is
±5V. VOS(DAC D) = –0.01• V(VOSD) [0V to 5V,
±2.5V modes]. See Operation section.
AGNDD (Pin 20): DAC D Signal Ground. High impedance
input, does not carry supply currents. Tie to clean analog
ground.
REFG2 (Pin 21): Reference 2 Ground. High impedance
input, does not carry supply currents. Tie to clean analog
ground.
REFM2 (Pin 23): Reference 2 Inverting Amp Output. The
gain from REF2 to REFM2 is –1. Can swing to within 0.5V
of the analog supplies V+/V.
REF2 (Pin 24): DAC C and DAC D Reference Input.
V+2 (Pin 25): Analog Positive Supply for DACs C and D.
Typically 15V. 4.5V to 16.5V Range. Can be different from
V+1.
AGNDC (Pin 26): DAC C Signal Ground. High impedance
input, does not carry supply currents. Tie to clean analog
ground.
VOSC (Pin 27): Offset Adjust for DAC C. Nominal input
range is
±5V. VOS(DAC C) = –0.01• V(VOSC) [0V to 5V,
±2.5V modes]. See Operation section.
C1C (Pin 28): Feedback Capacitor Connection for DAC C
Output. This pin provides direct access to the negative
input of the channel C output amplifier.
OUTC (Pin 29): DAC C Voltage Output Pin. For best load
regulation, this open-loop amplifier output is connected to
RFBC as close to the load as possible.
RFBC (Pin 30): DAC C Output Feedback Resistor Pin.
AGND (Pin 32): Analog Ground Pin. Tie to clean analog
ground.
GND (Pin 33): Ground Pin. Tie to clean analog ground.
VDD (Pin 34): Logic Supply. 2.7V to 5.5V Range.
RFLAG (Pin 35): Reset Flag Pin. An active low output is
asserted when there is a power on reset or a clear event.
Returns high when an update command is executed.
RFBB (Pin 37): DAC B Output Feedback Resistor Pin.
OUTB (Pin 38): DAC B Voltage Output Pin. For best load
regulation, this open-loop amplifier output is connected to
RFBB as close to the load as possible.
C1B (Pin 39): Feedback Capacitor Connection for DAC B
Output. This pin provides direct access to the negative
input of the channel B output amplifier.
VOSB (Pin 40): Offset Adjust for DAC B. Nominal input
range is
±5V. VOS(DAC B) = –0.01 • V(VOSB) [0V to 5V,
±2.5V modes]. See Operation section.
AGNDB (Pin 41): DAC B Signal Ground. High impedance
input, does not carry supply currents. Tie to clean analog
ground.
V+1 (Pin 42): Analog Positive Supply for DACs A DND B.
Typically 15V. 4.5V to 16.5V Range. Can be different from
V+2.
REF1 (Pin 43): DAC A and DAC B Reference Input.
REFM1 (Pin 44): Reference 1 Inverting Amp Output. The
gain from REF1 to REFM1 is –1. Can swing to within 0.5V
of the analog supplies V+/V.


Similar Part No. - LTC2704IGW-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704IGW-16PBF LINER-LTC2704IGW-16PBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704IGW-16TRPBF LINER-LTC2704IGW-16TRPBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
More results

Similar Description - LTC2704IGW-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com