Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS1004NE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALS1004NE4
Description  HEX INVERTING DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1004NE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALS1004NE4 Datasheet HTML 3Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 4Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 5Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 6Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 7Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 8Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 9Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 10Page - Texas Instruments SN74ALS1004NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SNJ54AS1004AFK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54AS1004AJ
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54AS1004AW
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Similar Part No. - SN74ALS1004NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1004NE4 TI-SN74ALS1004NE4 Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74ALS1004NE4 TI-SN74ALS1004NE4 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74ALS1004NE4 TI-SN74ALS1004NE4 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
More results

Similar Description - SN74ALS1004NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54HC368 TI1-SN54HC368_16 Datasheet
1Mb / 19P
[Old version datasheet]   HEX INVERTING BUFFERS AND LINE DRIVERS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
5404 NSC-5404 Datasheet
107Kb / 6P
   Hex Inverting Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com