Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1516BQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1516BQ
Description  24 W BTL or 2 x 12 watt stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1516BQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1516BQ Datasheet HTML 2Page - NXP Semiconductors TDA1516BQ Datasheet HTML 3Page - NXP Semiconductors TDA1516BQ Datasheet HTML 4Page - NXP Semiconductors TDA1516BQ Datasheet HTML 5Page - NXP Semiconductors TDA1516BQ Datasheet HTML 6Page - NXP Semiconductors TDA1516BQ Datasheet HTML 7Page - NXP Semiconductors TDA1516BQ Datasheet HTML 8Page - NXP Semiconductors TDA1516BQ Datasheet HTML 9Page - NXP Semiconductors TDA1516BQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
July 1994
6
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo car radio
power amplifier
TDA1516BQ
D.C. CHARACTERISTICS (note 1)
VP = 14,4 V; Tamb = 25 °C; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage range
note 2
VP
6,0
14,4
18,0
V
Quiescent current
IP
40
80
mA
D.C. output voltage at
approximately VP/2
note 3
VO
6,8
V
D.C. output offset
voltage
|
∆V
5-9|
−−
100
mV
Mute/stand-by switch
Switch-on voltage level
VON
8,5
−−
V
Mute condition
Vmute
3,0
6,4
V
Output signal in mute
VI = 1 V (max.);
position
f = 20 Hz to
15 kHz
VO
−−
2mV
D.C. output offset
voltage
|
∆V
5-9|
−−
100
mV
Stand-by condition
Vsb
0
2V
D.C. current in
stand-by condition
Isb
−−
100
µA
Switch-on current
Isw
12
40
µA


Similar Part No. - TDA1516BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results

Similar Description - TDA1516BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com