Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8745 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8745 Datasheet HTML 1Page - Maxim Integrated Products MAX8745 Datasheet HTML 2Page - Maxim Integrated Products MAX8745 Datasheet HTML 3Page - Maxim Integrated Products MAX8745 Datasheet HTML 4Page - Maxim Integrated Products MAX8745 Datasheet HTML 5Page - Maxim Integrated Products MAX8745 Datasheet HTML 6Page - Maxim Integrated Products MAX8745 Datasheet HTML 7Page - Maxim Integrated Products MAX8745 Datasheet HTML 8Page - Maxim Integrated Products MAX8745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, FSEL = REF, SKIP = GND, ILIM = LDO5, FBA = LDO5, IREF = ILDO5 = IOUTA =
no load, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Adjust Range
Either SMPS
2.0
5.5
V
FB3, FB5 Dual Mode Threshold
3.0
VLOO5
- 1.0
VLOO5
- 0.4
V
Feedback Input Leakage Current
VFB3 = VFB5 = 2.1V
-0.1
+0.1
µA
DC Load Regulation
Either SMPS, SKIP = LDO5,
0 < VCSH_ - VCSL_ < 50mV
-0.1
%
Line Regulation Error
Either SMPS, 6V < VIN < 26V
0.03
%/V
FSEL = GND
170
200
230
FSEL = REF
270
300
330
Operating Frequency (Note 1)
fOSC
FSEL = LDO5
425
500
575
kHz
Maximum Duty Factor
DMAX
(Note 1)
97.5
99
%
Minimum On-Time
tONMIN
100
ns
40
%
SMPS3-to-SMPS5 Phase Shift
SMPS5 starts after SMPS3
144
Deg
CURRENT LIMIT
ILIM Adjustment Range
0.5
VREF
V
Current-Sense Input Leakage
Current
CSH3 = CSH5 = GND or LDO5
-1
+1
µA
Current-Limit Threshold (Fixed)
VLIMIT
VCSH_ - VCSL _, ILIM = LDO5
45
50
55
mV
VILIM = 2.00V
185
200
215
Current-Limit Threshold
(Adjustable)
VLIMIT
VCSH_ - VCSL _
VILIM = 1.00V
94
100
106
mV
VCSH_ - VCSL _, SKIP = ILIM = LDO5
-67
-60
-53
mV
Current-Limit Threshold
(Negative)
VNEG
VCSH_ - VCSL _, SKIP = LDO5, adjustable
mode, percent of current limit
-120
%
Current-Limit Threshold
(Zero Crossing)
VZX
VCSH_ - VCSL _, SKIP = GND,
ILIM = LDO5
03
6
mV
ILIM = LDO5
6
10
14
mV
Idle Mode™ Threshold
VIDLE
VCSH_ - VCSL _,
SKIP = GND
With respect to
current-limit
threshold (VLIMIT)
20
%
ILIM = LDO5
2.5
5
7.5
mV
Idle Mode Threshold
(Low Audible-Noise Mode)
VIDLE
VCSH_ - VCSL _,
SKIP = REF
With respect to
current-limit
threshold (VLIMIT)
10
%
ILIM Leakage Current
ILIM = GND or REF
-1
+1
µA
Idle Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX8745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8745A MAXIM-MAX8745A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8745AETJ++ MAXIM-MAX8745AETJ+ Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
More results

Similar Description - MAX8745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com