Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9986AETP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9986AETP
Description  SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986AETP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9986AETP Datasheet HTML 1Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 2Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 3Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 4Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 5Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 6Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 7Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 8Page - Maxim Integrated Products MAX9986AETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SiGe High-Linearity, 815MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
Note 1: All limits include external component losses. Output measurements taken at IF output of the Typical Application Circuit.
Note 2: Operation outside this range is possible, but with degraded performance of some parameters.
Note 3: Compression point characterized. It is advisable not to operate continuously the mixer RF input above +12dBm.
Note 4: Measured with external LO source noise filtered so the noise floor is -174dBm/Hz. This specification reflects the effects of all
SNR degradations in the mixer, including the LO noise as defined in Maxim Application Note 2021.
Note 5: Guaranteed by design and characterization.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX9986A Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50
Ω sources, PLO = -3dBm to
+3dBm, PRF = -5dBm, fRF = 815MHz to 1000MHz, fLO = 960MHz to 1180MHz, fIF = 160MHz, fLO > fRF, TC = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +5V, PRF = -5dBm, PLO = 0dBm, fRF = 910MHz, fLO = 1070MHz, fIF = 160MHz, TC =
+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Noise Figure
NF
Single sideband, fIF = 190MHz
10
dB
PBLOCKER =
+8dBm
20
Noise Figure Under-Blocking
fRF = 900MHz (no signal)
fLO = 1090MHz
fBLOCKER = 981MHz
fIF = 190MHz
(Note 4)
PBLOCKER =
+11dBm
23
dB
PBLOCKER =
+8dBm
0.18
Small-Signal Compression
Under-Blocking Condition
PFUNDAMENTAL = -5dBm
fFUNDAMENTAL = 910MHz
fBLOCKER = 911MHz
PBLOCKER =
+11dBm
0.4
dB
LO Drive
-3
+3
dBm
PRF = -10dBm
69
2 x 2
2LO - 2RF
PRF = -5dBm
64
PRF = -10dBm
88
Spurious Response at IF
3 x 3
3LO - 3RF
PRF = -5dBm
78
dBc
LO2 selected
42
49
LO1-to-LO2 Isolation
PLO = +3dBm
TC = +25°C (Note 5)
LO1 selected
42
50
dB
LO Leakage at RF Port
PLO = +3dBm
-45
dBm
LO Leakage at IF Port
PLO = +3dBm
-33
dBm
RF-to-IF Isolation
54
dB
LO Switching Time
50% of LOSEL to IF settled to within 2
°
50
ns
RF Port Return Loss
20
dB
LO1/2 port selected,
LO2/1 and IF terminated
22
LO Port Return Loss
LO1/2 port unselected,
LO2/1 and IF terminated
34
dB
IF Port Return Loss
LO driven at 0dBm, RF terminated into 50
Ω,
differential 200
22
dB


Similar Part No. - MAX9986AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
   Fully Assembled and Tested
Rev 0; 11/06
More results

Similar Description - MAX9986AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
   SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com