Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1387T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA1387T
Description  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1387T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1387T Datasheet HTML 6Page - NXP Semiconductors TDA1387T Datasheet HTML 7Page - NXP Semiconductors TDA1387T Datasheet HTML 8Page - NXP Semiconductors TDA1387T Datasheet HTML 9Page - NXP Semiconductors TDA1387T Datasheet HTML 10Page - NXP Semiconductors TDA1387T Datasheet HTML 11Page - NXP Semiconductors TDA1387T Datasheet HTML 12Page - NXP Semiconductors TDA1387T Datasheet HTML 13Page - NXP Semiconductors TDA1387T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1995 Dec 11
10
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC (CC-DAC)
TDA1387T
APPLICATION INFORMATION
The TDA1387T offers great ease in designing-in to
printed-circuit board due to its small size and low pin count.
The TDA1387T being a mixed-signal IC in CMOS, some
attention needs to be paid to layout and topology of the
application PCB. The following basic rules will yield the
desired performance. The most important considerations
are:
1. Supply: care should be taken to supply the TDA1387T
with a clean, noiseless supply voltage, for a good
noise performance of the analog parts of the DAC.
Supply purity can easily be achieved by using an
RC-filtered supply.
2. Grounding: preferably a ground plane should be used,
in order to have a low-impedance return available at
any point in the layout. It is advantageous to make a
partitioning of the ground plane according to the nature
of the expected return currents (digital input returns
separate from supply returns separate from the analog
section).
3. Topology: the capacitor decoupling high-frequency
supply interference from VDD to GND should be placed
as close as is physically possible to the IC body,
ensuring a low-inductance path to ground. The digital
input conductors may be shielded by ground leads
running alongside. The placement of a passive ground
plane underside the entire IC surface gives ‘free’
additional decoupling from the IC body to ground as
well as providing a shield between the digital input pins
and the analog output pins.


Similar Part No. - TDA1387T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1386 PHILIPS-TDA1386 Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388M PHILIPS-TDA1388M Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Similar Description - TDA1387T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com