Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7031 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7031
Description  Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7031 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7031 Datasheet HTML 2Page - Maxim Integrated Products MAX7031 Datasheet HTML 3Page - Maxim Integrated Products MAX7031 Datasheet HTML 4Page - Maxim Integrated Products MAX7031 Datasheet HTML 5Page - Maxim Integrated Products MAX7031 Datasheet HTML 6Page - Maxim Integrated Products MAX7031 Datasheet HTML 7Page - Maxim Integrated Products MAX7031 Datasheet HTML 8Page - Maxim Integrated Products MAX7031 Datasheet HTML 9Page - Maxim Integrated Products MAX7031 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Low-Cost, 308MHz, 315MHz, and 433.92MHz
FSK Transceiver with Fractional-N PLL
6
_______________________________________________________________________________________
BIT-ERROR RATE
vs. AVERAGE INPUT POWER
AVERAGE INPUT POWER (dBm)
-108
-106
-110
-112
-114
0.1
1
10
100
0.01
-116
-104
280kHz IF BW
fRF = 434MHz
fRF = 315MHz
0.2% BER
SENSITIVITY vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
-110
-108
-106
-104
-102
-100
-112
-40
280kHz IF BW
0.2% BER
fRF = 434MHz
fRF = 315MHz
FREQUENCY DEVIATION (kHz)
10
-106
-104
-102
-100
-98
-96
-94
-108
1
100
SENSITIVITY vs. FREQUENCY DEVIATION
280kHz IF BW
0.2% BER
RSSI vs. RF INPUT POWER
RF INPUT POWER (dBm)
-10
-30
-70
-50
-90
-110
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
-130
10
LOW-GAIN MODE
HIGH-GAIN MODE
AGC SWITCH
POINT
AGC HYSTERESIS: 3dB
RSSI AND DELTA vs. IF INPUT POWER
MAX7031 toc08
IF INPUT POWER (dBm)
-10
-30
-50
-70
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
-90
10
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
-3.5
RSSI
DELTA
FSK DEMODULATOR OUTPUT
vs. IF FREQUENCY
IF FREQUENCY (MHz)
10.9
10.8
10.7
10.6
10.5
0.4
0.8
1.2
1.6
0
10.4
11.0
SYSTEM GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
25
20
15
10
5
-10
0
10
20
30
40
50
-20
030
LOWER SIDEBAND
UPPER SIDEBAND
FROM RFIN
TO MIXOUT
fRF = 434MHz
45dB IMAGE
REJECTION
IMAGE REJECTION vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
44
46
48
42
-40
fRF = 434MHz
fRF = 315MHz
NORMALIZED IF GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
10
-16
-12
-8
-4
0
-20
1
100
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester
encoded, 0.2% BER deviation = ±50kHz, TA = +25°C, unless otherwise noted.)
RECEIVER


Similar Part No. - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
More results

Similar Description - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7042 MAXIM-MAX7042_07 Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042_12 Datasheet
190Kb / 17P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX7042 MAXIM-MAX7042 Datasheet
225Kb / 18P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 0; 5/05
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com