Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P502-02HSC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P502-02HSC
Description  Low Phase Noise VCXO (24MHz to 50MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P502-02HSC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P502-02HSC Datasheet HTML 1Page - PhaseLink Corporation P502-02HSC Datasheet HTML 2Page - PhaseLink Corporation P502-02HSC Datasheet HTML 3Page - PhaseLink Corporation P502-02HSC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/05 Page 1
FEATURES
• Low phase noise VCXO output for the 24MHz to
50MHz range (-130 dBc at 10kHz offset).
• CMOS output.
• 12 to 25MHz crystal input.
• Integrated variable capacitors.
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• Wide pull range (+/- 250 ppm typ.).
• Low jitter (RMS): 3ps period (1 sigma).
• 3.3V operation.
• Available in 8-Pin SOIC.
DESCRIPTION
The PLL502-02 is a low cost, high performance, low
phase noise VCXO, providing less than -130dBc at
10kHz offset in the 24MHz to 50MHz operating
range. The very low jitter (3 ps RMS period jitter)
makes this chip ideal for applications requiring volt-
age controlled frequency sources. Input crystal can
range from 12 to 25MHz (fundamental resonant
mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
x2
24 - 50MHz
CMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP
1
2
3
45
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
N/C


Similar Part No. - P502-02HSC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502-020 TRIPPLITE-P502-020 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 20 ft.
P502-025 TRIPPLITE-P502-025 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 25 ft.
P502-025-P TRIPPLITE-P502-025-P Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Plenum-Rated Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 25 ft.
P502-025-RA TRIPPLITE-P502-025-RA Datasheet
157Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), Right-Angle Connector, 2048 x 1536 (1080p), 25 ft.
P502-025-SM TRIPPLITE-P502-025-SM Datasheet
162Kb / 2P
   Low-Profile VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 25 ft.
More results

Similar Description - P502-02HSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
   384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com