Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL500-17 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL500-17
Description  Low Phase Noise VCXO (17MHz to 36MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-17 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL500-17 Datasheet HTML 1Page - PhaseLink Corporation PLL500-17 Datasheet HTML 2Page - PhaseLink Corporation PLL500-17 Datasheet HTML 3Page - PhaseLink Corporation PLL500-17 Datasheet HTML 4Page - PhaseLink Corporation PLL500-17 Datasheet HTML 5Page - PhaseLink Corporation PLL500-17 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/08/06 Page 4
4. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling between
VDD and GND.
2.5
ps
Phase Noise relative to carrier
36MHz @100Hz offset
-80
dBc/Hz
Phase Noise relative to carrier
36MHz @1kHz offset
-110
dBc/Hz
Phase Noise relative to carrier
36MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
36MHz @100kHz offset
-138
dBc/Hz
Phase Noise relative to carrier
36MHz @1MHz offset
-145
dBc/Hz
5. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 36MHz
Output load of 15pF
5
6
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage at
CMOS level
VOLC
IOL = +4mA
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
For VOL<0.4V or VOH>2.4V
8
9.5
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
VDD
V
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
17
36
MHz
Crystal Loading Rating (VCON = 1.65V)
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
C0
5
pF
C0/C1
250
-
ESR
RS
30
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally.
This however may reduce the pull range.


Similar Part No. - PLL500-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BDC PLL-PLL500-17BDC Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-17BSC PLL-PLL500-17BSC Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
More results

Similar Description - PLL500-17

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
logo
PhaseLink Corporation
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
   Low Phase Noise VCXO (36MHz to 130MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com