Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL560-69QCL Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL560-69QCL
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-69QCL Datasheet(HTML) 7 Page - PhaseLink Corporation

Back Button PL560-69QCL Datasheet HTML 3Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 4Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 5Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 6Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 7Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 8Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 9Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 10Page - PhaseLink Corporation PL560-69QCL Datasheet HTML 11Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 7
DETERMINING STRAY L’s AND C’s IN A LAYOUT
Figure 6: Diagram Representation of the Board Layout
Lets take the PL560-38 (4x VCXO) for example. This takes a crystal input in the range of 30 to 80 MHz and
multiplies it to an output of 120 to 320 MHz. To determine the stray L’s and C’s of the layout we will assemble
two test units. One AFM will be tuned to the lower range of the device (120 MHz), and the other to the upper
range of the device (320 MHz).
120 MHz AFM Tuning: Using the “AFM Tuning Assistant” find the PL560-3x in the L2X worksheet. Enter the
Cinternal value found next to it into cell B21. In cell B24 enter the closest standard inductor value (see CoilCraft
0603CS series for example) to achieve the closest peak frequency to 60 MHz. Repeat the same procedure for
L4X at 120 MHz.
Results: L2X = 180 nH, L4X = 82 nH.
320 MHz AFM tuning: Repeat the previous procedure for L2X at 120 MHz and L4X at 320 MHz.
Results: L2X = 24 nH, L4X = 10 nH.
Proceed and assemble the test units.
Measuring 120 MHz L2X: Connect the RF generator and scope probe as shown in Figure 6, above. While
power is applied to the PCB, set the generator output to +12 dBm and the frequency to 30 MHz. Since this is the
2x port, the scope will show 60 MHz with ~ 3V pk-pk amplitude. Vary the generator above and below 30 MHz until


Similar Part No. - PL560-69QCL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-69 MICREL-PL560-69 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
More results

Similar Description - PL560-69QCL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com