Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2620 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2620
Description  Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2620 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2620 Datasheet HTML 1Page - Maxim Integrated Products MAX2620 Datasheet HTML 2Page - Maxim Integrated Products MAX2620 Datasheet HTML 3Page - Maxim Integrated Products MAX2620 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
_________________________Quick Start
The MAX2620 EV kit is fully assembled and factory test-
ed. Follow the instructions in the
Connections and
Setup section.
__________Test Equipment Required
• Power supplies. Low-noise power supplies are rec-
ommended for oscillator-noise measurements. This
is especially important for the tuning voltage sup-
plied to the varactor (VCONT). Noise or ripple on
the tuning voltage frequency-modulates the oscilla-
tor and causes spectral spreading. Batteries can be
used in place of power supplies, if necessary.
—DC supply capable of supplying +2.7V to +5.25V
at 20mA. Alternatively, use two or three 1.5V AA
batteries.
—DC supply capable of supplying 0V to +3V, con-
tinuously variable, for VCONT. Alternatively, use
two or three 1.5V batteries with a resistive volt-
age divider or potentiometer.
________________General Description
The MAX2620 evaluation kit (EV kit) simplifies evalua-
tion of the MAX2620 integrated oscillator with buffered
outputs. It includes a varactor-based tank circuit that
allows the VCO to tune across an approximately 30MHz
band in the 900MHz frequency range. Outputs utilize
50
Ω SMA connectors. The EV kit has a test port that
facilitates complete characterization of the MAX2620
tank port, enabling resonators to be designed for fre-
quency ranges other than that supplied with the EV kit.
____________________________Features
o Complete, Tunable VCO Test Board with Tank
Circuit
o Tuning in 900MHz Frequency Range
o Low Phase Noise (-110dBc/Hz typical at 25kHz
offset from carrier)
o Operates from Single +2.7V to +5.25V Supply
o Two Output Buffers with 50
Ω SMA Connectors
o Low-Power Shutdown Mode
o Test Port for Oscillator Tank Port Characterization
o Fully Assembled and Tested
MAX2620 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
QTY
DESCRIPTION
C1, C7–C10,
C12
6
C2, C11, C14
0
C3
1
2.7pF, 10% ceramic capacitor
C4, C6
2
C5, C13, C17
3
1.5pF, 10% ceramic capacitors
C15
1
D1
1
JU1, VCC,
GND
3
L1
1
Ceramic coaxial resonator
Trans-Tech SR8800LPQ1357BY
L4
0
Not installed
L3
1
10nH inductor
Coilcraft 0603HS-10NTJBC
OUT, OUT,
TEST PORT
3
SMA connectors (edge mount)
R1, R3
2
10
Ω, 5% resistors
1pF, 10% ceramic capacitors
Not installed
1000pF, 10% ceramic capacitors
SUPPLIER
PHONE
FAX
Alpha Industries
(617) 935-5150
(617) 824-4579
______________Component Suppliers
DESIGNATION
10µF, ±10%, 25V tantalum capacitor
Sprague 293D106X9025D2
Varactor diode
Alpha Industries SMV1204-34
2-pin headers
____________________Component List
______________Ordering Information
Coilcraft
(847) 639-6400
(847) 639-1469
Sprague
(603) 224-1961
(603) 224-1430
Trans-Tech
(301) 695-9400
(301) 695-7065
PART
MAX2620EVKIT
-40°C to +85°C
TEMP. RANGE
BOARD TYPE
Surface Mount
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
R2
1
1k
Ω, 5% resistor
R4
0
Not installed
R5
1
51
Ω, 5% resistor
SHDN
1
3-pin header
U1
1
MAX2620EUA
VCONT
1
SMA connector (PC mount)
None
1
Shunt
None
1
MAX2620 circuit board
None
1
MAX2620 data sheet
NOTE: All capacitors and resistors are size 0805 unless other-
wise noted.
19-1248; Rev 1; 5/98


Similar Part No. - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
MAX2620 MAXIM-MAX2620 Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620D MAXIM-MAX2620D Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620E MAXIM-MAX2620E Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620E/D MAXIM-MAX2620E/D Datasheet
105Kb / 12P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
More results

Similar Description - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com