Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL560-08QCL Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL560-08QCL
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08QCL Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL560-08QCL Datasheet HTML 1Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 2Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 3Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 4Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 5Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 6Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 7Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 8Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 5
VOLTAGE CONTROL SPECIFICATION
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
XTAL C0 /C1 <300
200
ppm
CLK Output Pullability
VCON= 1.65V ± 1.65V
XTAL C0 /C1 <300
±100
±120
ppm
Linearity
5
10
%
VCON Input Impedance
130
kΩ
VCON Modulation BW
0V < VCON < 3.3V, -3dB
25
kHz
EXTERNAL COMPONENT VALUES
INDUCTOR VALUE OPTIMIZATION
The required inductor value(s) for the best performance depends on the operating frequency, and the board
layout specifications. The listed values in this datasheet are based on the calculated parasitic values from
PhaseLink’s evaluation board design. These inductor values provide the user with a starting point to determine
the optimum inductor values. Additional fine-tuning may be required to determine the optimal solution.
To assist with the inductor value optimization, PhaseLink has developed the “AFM Tuning Assistant” software.
You can download this software from PhaseLink’s web site (www.phaselink.com). The software consists of two
worksheets. The first worksheet (named L2) is used to fine-tune the ‘L2’ inductor value, and the second
worksheet (named L4) is used for fine tuning of the ‘L4’ (used in 4x AFMs only) inductor value.
For those designs using PhaseLink’s recommended board layout, you can use the “AFM Tuning Assistant” to
determine the optimum values for the required inductors. This software is developed based on the parasitic
information from PhaseLink’s board layout and can be used to determine the required inductor and parallel
capacitor (see LWB1 and Cstray parameters) values. For those employing a different board layout in their
design, we recommend to use the parasitic information of their board layout to calculate the optimized inductor
values. Please use the following fine tuning procedure:


Similar Part No. - PL560-08QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
More results

Similar Description - PL560-08QCL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com