Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1227 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1227
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1227 Datasheet HTML 4Page - Linear Technology LT1227 Datasheet HTML 5Page - Linear Technology LT1227 Datasheet HTML 6Page - Linear Technology LT1227 Datasheet HTML 7Page - Linear Technology LT1227 Datasheet HTML 8Page - Linear Technology LT1227 Datasheet HTML 9Page - Linear Technology LT1227 Datasheet HTML 10Page - Linear Technology LT1227 Datasheet HTML 11Page - Linear Technology LT1227 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1227
S
APPLICATI
I FOR ATIO
RF = 1k, RG= 1k, RL = 100Ω
VOUT
Small-Signal Rise Time, AV = +2
and inverting input bias current will change. The offset
voltage changes about 500
µV per volt of supply mis-
match. The inverting bias current can change as much as
5.0
µA per volt of supply mismatch, though typically the
change is less than 0.5
µA per volt.
Slew Rate
The slew rate of a current feedback amplifier is not
independent of the amplifier gain configuration the way
slew rate is in a traditional op amp. This is because both the
input stage and the output stage have slew rate limitations.
In the inverting mode, and for higher gains in the
noninverting mode, the signal amplitude between the
input pins is small and the overall slew rate is that of the
output stage. For gains less than ten in the noninverting
mode, the overall slew rate is limited by the input stage.
The input stage slew rate of the LT1227 is approximately
125V/
µs and is set by internal currents and capacitances.
The output slew rate is set by the value of the feedback
resistors and the internal capacitances. At a gain of ten
with a 1k feedback resistor and
±15V supplies, the output
slew rate is typically 1100V/
µs. Larger feedback resistors
will reduce the slew rate as will lower supply voltages,
similar to the way the bandwidth is reduced.
The graph of Maximum Undistorted Output vs Frequency
relates the slew rate limitations to sinusoidal inputs for
various gain configurations.
AI01
VOUT
RF = 910Ω, RG= 100Ω, RL = 400Ω
Large-Signal Transient Response, AV = +10
AI02
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but it
does not degrade the stability of the amplifier.
Capacitive Loads
The LT1227 can drive capacitive loads directly when the
proper value of feedback resistor is used. The graph of
Maximum Capacitive Load vs Feedback Resistor should
be used to select the appropriate value. The value shown
is for 5dB peaking when driving a 1k load at a gain of 2. This
is a worst case condition, the amplifier is more stable at
higher gains and driving heavier loads. Alternatively, a
small resistor (10
Ω to 20Ω) can be put in series with the
output to isolate the capacitive load from the amplifier
output. This has the advantage that the amplifier band-
width is only reduced when the capacitive load is present
and the disadvantage that the gain is a function of the load
resistance.
Power Supplies
The LT1227 will operate from single or split supplies from
±2V (4V total) to ±15V (30V total). It is not necessary to
use equal value split supplies, however the offset voltage


Similar Part No. - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227 Datasheet
666Kb / 22P
   100MHz Current Feedback
LT1227 LINER-LT1227 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227C LINER-LT1227C Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com