Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1223MJ8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1223MJ8
Description  100MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223MJ8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1223MJ8 Datasheet HTML 2Page - Linear Technology LT1223MJ8 Datasheet HTML 3Page - Linear Technology LT1223MJ8 Datasheet HTML 4Page - Linear Technology LT1223MJ8 Datasheet HTML 5Page - Linear Technology LT1223MJ8 Datasheet HTML 6Page - Linear Technology LT1223MJ8 Datasheet HTML 7Page - Linear Technology LT1223MJ8 Datasheet HTML 8Page - Linear Technology LT1223MJ8 Datasheet HTML 9Page - Linear Technology LT1223MJ8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1223
6
1223fb
TYPICAL PERFOR A CE CHARACTERISTICS
–3dB Bandwidth vs
–3dB Bandwidth vs
Minimum Feedback Resistor vs
Feedback Resistor
Supply Voltage
Voltage Gain
Maximum Capacitive Load vs
Open-Loop Voltage Gain vs
Feedback Resistor
Load Resistor
Transimpedance vs Load Resistor
Spot Noise Voltage and Current vs
Power Supply Rejection vs
Frequency
Frequency
Output Impedance vs Frequency
FEEDBACK RESISTOR (k )
0
0
30
100
LT1223 • TPC11
123
10
20
40
50
60
70
80
90
L
S
A = 2; RF = RG
R = 100
; V = 15V
NO CAPACITIVE LOAD
V
±
SUPPLY VOLTAGE ( V)
0
0
30
100
LT1223 • TPC12
510
15
10
20
40
50
60
70
80
90
±
RF = 750
RF = 1k
RF = 1.5k
RF = 2k
RF = RG
A = 2
R = 100
T = 25
°C
V
A
L
VOLTAGE GAIN (V/V)
0
100
400
1000
LT1223 • TPC13
20
40
60
200
300
500
600
700
800
900
10
30
50
2dB PEAKING
0dB PEAKING
V = 15V
R = 100
S
±
L
FEEDBACK RESISTOR (k )
0
10
100
1k
10k
12
3
LT1223 • TPC14
L
S
A = 2; RF = RG
R = 100; V =
15V
PEAKING < 5dB
V
±
LOAD RESISTOR ( )
100
40
100
1000
10000
LT1223 • TPC15
50
60
70
80
90
–55
°C
25
°C
125
°C
V = 15V
V =
10V
S
±
O
±
LOAD RESISTOR ( )
100
0
10
1000
10000
LT1223 • TPC16
1
2
3
5
4
6
7
8
9
V =
15V
V =
10V
S
±
O
±
–55
°C
25
°C
125
°C
FREQUENCY (Hz)
10
1
10
100
1000
100
1k
10k
LT1223 • TPC17
en
+in
–in
FREQUENCY (Hz)
20
40
60
80
10k
1M
10M
100M
LT1223 • TPC18
0
100k
NEGATIVE
POSITIVE
V =
±15V
RF = 1k
S
FREQUENCY (Hz)
0.1
1
10
100
10k
1M
10M
100M
LT1223 • TPC19
0.01
100k
RF = RG = 3k
V =
15V
S
±
RF = RG = 1k


Similar Part No. - LT1223MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223MJ8 LINER-LT1223MJ8 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
More results

Similar Description - LT1223MJ8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com