Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1223CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1223CS8
Description  100MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1223CS8 Datasheet HTML 1Page - Linear Technology LT1223CS8 Datasheet HTML 2Page - Linear Technology LT1223CS8 Datasheet HTML 3Page - Linear Technology LT1223CS8 Datasheet HTML 4Page - Linear Technology LT1223CS8 Datasheet HTML 5Page - Linear Technology LT1223CS8 Datasheet HTML 6Page - Linear Technology LT1223CS8 Datasheet HTML 7Page - Linear Technology LT1223CS8 Datasheet HTML 8Page - Linear Technology LT1223CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1223
4
1223fb
LT1223M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
±1
±5mV
IIN+
Noninverting Input Current
VCM = 0V
±1
±5
µA
IIN–
Inverting Input Current
VCM = 0V
±1
±10
µA
RIN
Input Resistance
VIN = ±10V
110
M
Input Voltage Range
±10
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±10V
56
63
dB
Inverting Input Current Common Mode Rejection
VCM = ±10V
30
100
nA/V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
68
80
dB
Noninverting Input Current Power Supply Rejection
VS = ±4.5V to ±15V
12
200
nA/V
Inverting Input Current Power Supply Rejection
VS = ±4.5V to ±15V
60
500
nA/V
AV
Large-Signal Voltage Gain
RLOAD = 400Ω, VOUT = ±10V
70
89
dB
ROL
Transresistance,
∆VOUT/∆IIN–RLOAD = 400Ω, VOUT = ±10V
1.5
5
M
VOUT
Maximum Output Voltage Swing
RLOAD = 200Ω
±7
±12
V
IOUT
Maximum Output Current
RLOAD = 200Ω
35
60
mA
IS
Supply Current
VIN = 0V
610
mA
Supply Current, Shutdown
Pin 8 Current = 200
µA
24
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required.
Note 3: Noninverting operation, VOUT = ±10V, measured at ±5V.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VS = ± 15V, VCM = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.


Similar Part No. - LT1223CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223CS8 LINER-LT1223CS8 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
More results

Similar Description - LT1223CS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com