Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P580-38QCL Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # P580-38QCL
Description  38MHz-320MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P580-38QCL Datasheet(HTML) 4 Page - PhaseLink Corporation

  P580-38QCL Datasheet HTML 1Page - PhaseLink Corporation P580-38QCL Datasheet HTML 2Page - PhaseLink Corporation P580-38QCL Datasheet HTML 3Page - PhaseLink Corporation P580-38QCL Datasheet HTML 4Page - PhaseLink Corporation P580-38QCL Datasheet HTML 5Page - PhaseLink Corporation P580-38QCL Datasheet HTML 6Page - PhaseLink Corporation P580-38QCL Datasheet HTML 7Page - PhaseLink Corporation P580-38QCL Datasheet HTML 8Page - PhaseLink Corporation P580-38QCL Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(Preliminary)
PL580-35/37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/06 Page 4
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
19
40
MHz
at VCON = 0V
17.7
at VCON = 1.65V
9.5
Crystal Loading Rating
CL (xtal)
at VCON = 3.3V
5.4
pF
Crystal Pullability
C0/C1 (xtal)
AT cut
250
-
Recommended ESR
RE
AT cut
30
Ω
Note: Crystal Loading rating: The listed numbers are for the IC only. Specify the crystal for the value at VCON = 1.65V and add the PCB & package
parasitic. A round number (i.e. 12pF) can be achieved by adding external capacitors. Try to add the same value to XIN and XOUT, and please note,
that frequency pulling and oscillator gain may decrease.
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 19 – 40MHz;
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
500
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
60
80
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.


Similar Part No. - P580-38QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P580-38QCL PLL-P580-38QCL Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
More results

Similar Description - P580-38QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
logo
Abracon Corporation
ABV8037 ABRACON-ABV8037 Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com