Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2363W Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2363W
Description  Evaluation Kits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2363W Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2363W Datasheet HTML 1Page - Maxim Integrated Products MAX2363W Datasheet HTML 2Page - Maxim Integrated Products MAX2363W Datasheet HTML 3Page - Maxim Integrated Products MAX2363W Datasheet HTML 4Page - Maxim Integrated Products MAX2363W Datasheet HTML 5Page - Maxim Integrated Products MAX2363W Datasheet HTML 6Page - Maxim Integrated Products MAX2363W Datasheet HTML 7Page - Maxim Integrated Products MAX2363W Datasheet HTML 8Page - Maxim Integrated Products MAX2363W Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAX2361/MAX2363W Evaluation Kits
2
_______________________________________________________________________________________
MAX2361 Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C36
1
3300pF
±10% ceramic capacitor
(0402)
Murata GRM36X7R332K050 or
Taiyo Yuden UMK105B332KW
C37
1
0.047
µF ±10% ceramic capacitor
(0402)
Murata GRM36X7R473K010 or
Taiyo Yuden LMK105BJ473KV
C47, C50
2
9.1pF
±5% ceramic capacitors
(0402)
Murata GRM36COG9R1J050 or
Taiyo Yuden EVK105CH9R1JW
C49
1
2.7pF
±0.1pF ceramic capacitor
(0402)
Murata GRM36COG2R7B050 or
Taiyo Yuden EVK105CH2R7JW
C51
1
1.5pF
±0.1pF ceramic capacitor
(0402)
Murata GRM36COG1R5B050 or
Taiyo Yuden EVK105CH1R5JW
C53, C54
2
10pF
±5% ceramic capacitors
(0402)
Murata GRM36COG100J050 or
Taiyo Yuden UMK105CH100JW
C70, C71
2
22
µF 10V tantalum capacitors
AVX TAJB226K010
C72, C73, C82,
C83, C94
5
1
µF tantalum capacitors (0603)
Murata GRM39Y5V105Z010
C74, C77, C86
3
10
µF 10V tantalum capacitors
AVX TAJB106M010
D1, D2, D4, D5
4
Varactor diodes
Alpha Industries SMV1763-079
DESIGNATION
QTY
DESCRIPTION
D3
1
Not installed (LED)
FL1
1
130MHz bandpass filter
Murata LFSH30N32M0130A
FL2
0
Not installed
J3, J7
2
BNC connectors
JP1
1
20-pin header receptacle
JU1–JU4,
JU6–JU10
9
2-pin headers
L1
1
7.5nH
±5% inductor (0603)
Coilcraft 0603CS-7N5XJBC
L10
1
11nH
±5% inductor (0603)
Coilcraft 0603CS-11NXJBC
L11
1
18nH
±5% inductor (0603)
Coilcraft 0603CS-18NXJBC
L16
1
220nH
±5% (0805) inductor
Coilcraft 0805CS -221XJBC
L2, L3
2
100nH
±5% inductors (0603)
Coilcraft 0603CS-R10XJBC
L4
1
15nH
±5% inductor (0603)
Coilcraft 0603CS-15NXJBC
L5, L19
2
220nH
±5% inductors (0603)
Coilcraft 0603CS-R22XJBC
L6
1
0
Ω resistor (0402)
L9
1
43nH
±5% inductor (0603)
Coilcraft 0603CS-43NXJBC
Q1, Q2
2
NPN transistor
Central Semiconductor
CMPT8099
R1, R2, R7,
R19, R24, R47,
R52
7
47k
Ω ±5% resistors (0402)
R3
1
51k
Ω ±5% resistor (0402)
R4, R5, R29,
R30
41k
Ω ±5% resistors (0402)
R6, R10, R12,
R15, R17, R25,
R26, R33, R34,
R39, R46, R70,
R73
0
Not installed (0402)


Similar Part No. - MAX2363W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX236 MAXIM-MAX236 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX236 MAXIM-MAX236 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX236 MAXIM-MAX236 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
MAX2360ECM MAXIM-MAX2360ECM Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
More results

Similar Description - MAX2363W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com