Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-17-XXXUCR Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PL611S-17-XXXUCR
Description  1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-17-XXXUCR Datasheet(HTML) 9 Page - PhaseLink Corporation

  PL611S-17-XXXUCR Datasheet HTML 1Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 2Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 3Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 4Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 5Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 6Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 7Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 8Page - PhaseLink Corporation PL611S-17-XXXUCR Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(Preliminary)PL611s-17
1.8V-3.3V PicoPLL
TM KHz to MHz Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/04/07 Page 9
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL611s-17-XXX X X X
Part/Order Number
Marking
Package Option
PL611s-17-XXXGC-R
XXX
6-Pin DFN (Tape and Reel)
PL611s-17-XXXUC-R
XXX
6-Pin SC70 (Tape and Reel)
PL611s-17-XXXTC-R
17XXX
6-Pin SOT23 (Tape and Reel)
Note: ‘XXX’ designates marking identifier that could be independent of the part number.
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
Solder reflow profile available at www.phaselink.com/QA/solderingGreen.pdf
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
G=DFN-6L
U=SC70-6L
T=SOT-6L
3 DIGIT ID Code *
(will be assigned at
programming time)
NONE= TUBE
R=TAPE and REEL


Similar Part No. - PL611S-17-XXXUCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXGC-R PLL-PL611S-15-XXXGC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXTC-R PLL-PL611S-15-XXXTC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15-XXXUC-R PLL-PL611S-15-XXXUC-R Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results

Similar Description - PL611S-17-XXXUCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com