Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-06-XXXGC-R Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL611S-06-XXXGC-R
Description  Low-Power Programmable Quick Turn ClockTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-06-XXXGC-R Datasheet(HTML) 7 Page - PhaseLink Corporation

  PL611S-06-XXXGC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-06-XXXGC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(Preliminary)PL611s-06
Low-Power Programmable Quick Turn Clock
T M
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 7
D
E
Pin1 Dot
D1
b
e
E1
L
A3
A A1
Pin 6 ID
Chamfer
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOT23-6L
SC70-6L
DFN-6L
Dimension in MM
Symbol
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
b
0.30
0.50
c
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.0
L
0.35
0.55
e
0.95 BSC
Dimension in MM
Symbol
Min.
Max.
A
0.80
1.00
A1
0.00
0.09
A2
0.80
0.91
b
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
H
2.00
2.30
L
0.21
0.41
e
0.65BSC
Dimension in MM
Symbol
Min.
Max.
A
0.50
0.60
A1
0.00
0.05
A3
0.152
0.152
b
0.15
0.25
e
0.40BSC
D
1.25
1.35
E
1.95
2.05
D1
0.75
0.85
E1
0.95
1.05
L
0.20
0.30
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot


Similar Part No. - PL611S-06-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
PhaseLink Corporation
PL611S-02-XXXGC PLL-PL611S-02-XXXGC Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC-R PLL-PL611S-02-XXXGC-R Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611s-02-XXXGC-TR MICROCHIP-PL611s-02-XXXGC-TR Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results

Similar Description - PL611S-06-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
   Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
   Programmable Quick Turn Clock
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
   Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
   Termination Quick-Turn
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
PL611S-19 PLL-PL611S-19 Datasheet
208Kb / 8P
   0.5kHz-55MHz MHz to KHz Programmable ClockTM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com