Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-08-XXXTIR Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL611S-08-XXXTIR
Description  Low-Power Programmable Quick Turn ClockTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-08-XXXTIR Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL611S-08-XXXTIR Datasheet HTML 1Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 2Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 3Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 4Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 5Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 6Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 7Page - PhaseLink Corporation PL611S-08-XXXTIR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock
T M
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 5
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =3.3V, 27MHz,
load=15pF
5.5
mA
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =2.5V, 27MHz,
load=15pF
3.5
mA
Supply Current, Dynamic with
Loaded CMOS Outputs
IDD
@ VDD =1.8V,27MHz,
load=5pF
1.8*
mA
Supply Current, Dynamic, with
Loaded Outputs
IDD
When PDB=0
<5
A
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low Drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard Drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
Short-Circuit Current
IS
±50
mA
* Note: Please contact PhaseLink, if super-low-power is required.
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
10
50
MHz
Crystal Loading Rating
(The IC can be programmed for any value in this range.)
CL (xtal)
8
12
pF
Maximum Sustainable Drive Level
100
µW
Operating Drive Level
30
µW
Shunt Capacitance
C0
5.5
pF
Metal Can Crystal
ESR Max
ESR
50
Shunt Capacitance
C0
2.5
pF
Small SMD Crystal
ESR Max
ESR
80


Similar Part No. - PL611S-08-XXXTIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
PhaseLink Corporation
PL611S-02-XXXGC PLL-PL611S-02-XXXGC Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC-R PLL-PL611S-02-XXXGC-R Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611s-02-XXXGC-TR MICROCHIP-PL611s-02-XXXGC-TR Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results

Similar Description - PL611S-08-XXXTIR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
   Low-Power Programmable Quick Turn ClockTM
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
   Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
   Programmable Quick Turn Clock
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
   Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
   Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
   Programmable Quick Turn Clock
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
   Termination Quick-Turn
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
PL611S-19 PLL-PL611S-19 Datasheet
208Kb / 8P
   0.5kHz-55MHz MHz to KHz Programmable ClockTM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com