Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1210CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 5 Page - Linear Technology

  LT1210CS Datasheet HTML 1Page - Linear Technology LT1210CS Datasheet HTML 2Page - Linear Technology LT1210CS Datasheet HTML 3Page - Linear Technology LT1210CS Datasheet HTML 4Page - Linear Technology LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1210
1210fa
TYPICAL PERFOR A CE CHARACTERISTICS
Bandwidth vs Supply Voltage
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
1210 G02
PEAKING
≤ 1dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 2k
RF = 750Ω
AV = 2
RL = 10Ω
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
1210 G01
PEAKING
≤ 1dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 560Ω
RF = 750Ω
RF = 1k
RF = 1.5k
AV = 2
RL = 100Ω
RF = 680Ω
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
1210 G04
PEAKING
≤ 1dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 1.5k
RF = 330Ω
RF = 680Ω
RF =390Ω
AV = 10
RL = 100Ω
Bandwidth vs Supply Voltage
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
1210 G05
PEAKING
≤ 1dB
RF = 560Ω
RF = 1k
RF = 1.5k
AV = 10
RL = 10Ω
RF = 680Ω
Bandwidth and Feedback Resistance
vs Capacitive Load for Peaking
≤ 5dB
Differential Phase vs
Supply Voltage
SUPPLY VOLTAGE (
±V)
5
0.6
0.5
0.4
0.3
0.2
0.1
0
13
1210 G07
7
9
11
15
RF = RG = 750Ω
AV = 2
RL = 10Ω
RL = 50Ω
RL = 15Ω
RL = 30Ω
Differential Gain vs
Supply Voltage
SUPPLY VOLTAGE (
±V)
5
0.5
0.4
0.3
0.2
0.1
0
13
1210 G08
7
9
11
15
RF = RG = 750Ω
AV = 2
RL = 10Ω
RL = 15Ω
RL = 30Ω
RL = 50Ω
Spot Noise Voltage and Current
vs Frequency
CAPACITIVE LOAD (pF)
100
1k
10k
100
10
1
10000
1210 G03
1000
BANDWIDTH
FEEDBACK RESISTANCE
AV = 2
RL =
VS = ±15V
CCOMP = 0.01µF
1
10
100
CAPACITIVE LOAD (pF)
1
1210 G06
10
100
1000
10000
0
1k
10k
0
100
10
100
1
FEEDBACK
RESISTANCE
BANDWIDTH
AV = +2
RL =
VS = ±15V
CCOMP = 0.01µF
FREQUENCY (Hz)
10
1
10
100
100
100k
1210 G09
1k
10k
en
–in
+in
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for Peaking
≤ 1dB
Bandwidth vs Supply Voltage


Similar Part No. - LT1210CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210CS LINER-LT1210CS Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
More results

Similar Description - LT1210CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
   1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
LT1210X AD-LT1210X Datasheet
618Kb / 4P
   High Temperature 1.0A, 35MHz Current Feedback Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com