Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1206CR Datasheet(PDF) 5 Page - Linear Technology

Part # LT1206CR
Description  250mA/60MHz Current Feedback Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CR Datasheet(HTML) 5 Page - Linear Technology

  LT1206CR Datasheet HTML 1Page - Linear Technology LT1206CR Datasheet HTML 2Page - Linear Technology LT1206CR Datasheet HTML 3Page - Linear Technology LT1206CR Datasheet HTML 4Page - Linear Technology LT1206CR Datasheet HTML 5Page - Linear Technology LT1206CR Datasheet HTML 6Page - Linear Technology LT1206CR Datasheet HTML 7Page - Linear Technology LT1206CR Datasheet HTML 8Page - Linear Technology LT1206CR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1206
5
1206fa
TYPICAL PERFORMANCE CHARACTERISTICS
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for 0.5dB Peak
Differential Phase
vs Supply Voltage
Differential Gain
vs Supply Voltage
Spot Noise Voltage and Current
vs Frequency
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC01
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 560Ω
RF = 680Ω
RF = 750Ω
RF = 1k
RF = 1.5k
AV = 2
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC02
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 2k
RF = 750Ω
AV = 2
RL = 10Ω
CAPACITIVE LOAD (pF)
1
100
1k
10k
100
10000
LT1206 • TPC03
10
1000
BANDWIDTH
FEEDBACK RESISTOR
AV = 2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
1
10
100
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth and Feedback Resistance
vs Capacitive Load for 5dB Peak
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC04
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 1.5k
RF = 330Ω
RF = 680Ω
RF =390Ω
AV = 10
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC05
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 1.5k
RF = 680Ω
AV = 10
RL = 10Ω
CAPACITIVE LOAD (pF)
1
LT1206 • TPC06
10
100
1k
10k
0
1k
10k
0
100
10
100
1
FEEDBACK RESISTOR
BANDWIDTH
AV = +2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
SUPPLY VOLTAGE (
±V)
5
0.30
0.40
0.50
13
LT1206 • TPC07
0.20
0.10
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 50Ω
RL = 30Ω
RL = 150Ω
SUPPLY VOLTAGE (
±V)
5
0.06
0.08
0.10
13
LT1206 • TPC08
0.04
0.02
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 30Ω
RL = 150Ω
RL = 50Ω
FREQUENCY (Hz)
10
1
10
100
100
100k
LT1206 • TPC09
1k
10k
in
en
–in


Similar Part No. - LT1206CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206CR LINER-LT1206CR Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CR LINER-LT1206CR Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206CR LINER-LT1206CR Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1206CR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com