Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG01-C240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZG01-C240
Description  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZG01-C240 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZG01-C240 Datasheet HTML 1Page - NXP Semiconductors BZG01-C240 Datasheet HTML 2Page - NXP Semiconductors BZG01-C240 Datasheet HTML 3Page - NXP Semiconductors BZG01-C240 Datasheet HTML 4Page - NXP Semiconductors BZG01-C240 Datasheet HTML 5Page - NXP Semiconductors BZG01-C240 Datasheet HTML 6Page - NXP Semiconductors BZG01-C240 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2000 Feb 17
2
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
FEATURES
• Glass passivated
• High maximum operating temperature
• Ideal for surface mount automotive applications
• Low leakage current
• Excellent stability
• UL 94V-O classified plastic package
• Zener working voltage range: 10 to 270 V for 35 types
• Supplied in 12 mm embossed tape and reel, 1500 and
7500 pieces
• Marking: cathode, date code, type name
• Easy pick and place.
DESCRIPTION
DO-214AC surface mountable package with glass
passivated chip.
The well-defined void-free case is of a transfer-moulded
thermo-setting plastic. The small rectangular package has
two J bent leads.
olumns
MBL143
Top view
Side view
cathode
band
ka
Fig.1 Simplified outline (DO-214AC) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ptot
total power dissipation
Ttp = 100 °C; see Fig.2
2.50
W
Tamb =25 °C; see Fig.2; device
mounted on an Al2O3 printed-circuit
board: see Fig.5
1.50
W
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square pulse; Tj =25 °C
prior to surge; see Fig.3
150
W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C


Similar Part No. - BZG01-C240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG01-C240 PHILIPS-BZG01-C240 Datasheet
50Kb / 8P
   SMA voltage regulator diodes
2000 Feb 17
More results

Similar Description - BZG01-C240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com