Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2235EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2235EVKIT
Description  Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2235EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2235EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX2235EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX2235EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX2235EVKIT Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAX2235 Evaluation Kit
_______________________________________________________________________________________
3
MAX2235
1
RFIN
2
GND
3
VCC
VCC
VCC
4
5
6
GND
7
GND
8
VCC
9
VCC
10
GND
20
VCTAL
19
SHDN
18
GND
17
GND
16
OUT
15
OUT
14
13
GND
GND
12
11
VREF
RAMP
C8
0.068
µF
R1
0
SHORT
L1
8.2nH
VCC
C12
1500pF
C2
68pF
VCC
C9
470pF
C7
22pF
C4
1000pF
C11
220pF
C6
100pF
C5
100pF
C3
1000pF
C1
100pF
C18
1000pF
C10
470pF
C17
1000pF
C13
47pF
C14
11pF
C16
1
µF
C15
0.01
µF
VCC
J3
J4
VCC
VCC
JU1
JU2
SMA
J2
SMA
J1
3
1
2
Figure 1. MAX2235 EV Kit Schematic
Figure 2. MAX2235 EV Kit Component Placement Guide—
Component Side
1.0"
Figure 3. MAX2235 EV Kit PC Board Layout—Component Side
1.0"


Similar Part No. - MAX2235EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2235EUP MAXIM-MAX2235EUP Datasheet
149Kb / 8P
   3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
More results

Similar Description - MAX2235EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com