Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1191CJ8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1191CJ8
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1191CJ8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1191CJ8 Datasheet HTML 3Page - Linear Technology LT1191CJ8 Datasheet HTML 4Page - Linear Technology LT1191CJ8 Datasheet HTML 5Page - Linear Technology LT1191CJ8 Datasheet HTML 6Page - Linear Technology LT1191CJ8 Datasheet HTML 7Page - Linear Technology LT1191CJ8 Datasheet HTML 8Page - Linear Technology LT1191CJ8 Datasheet HTML 9Page - Linear Technology LT1191CJ8 Datasheet HTML 10Page - Linear Technology LT1191CJ8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1191
TEMPERATURE (
°C)
–50
300
400
500
600
–25
125
LT1191 • TPC19
0
25
50
75
100
VS = ±5V
TA = 25°C
RL = 1k
VO = ±2V
+SLEW RATE
–SLEW RATE
SETTLING TIME (ns)
50
–4
–2
0
4
70
230
LT1191 • TPC21
90 110 130
170 190
10mV
2
150
210
10mV
1mV
1mV
VS = ±5V
TA = 25°C
RL = 1k
SETTLING TIME (ns)
20
–4
–2
2
4
40
160
LT1191 • TPC20
60
80
100
120
140
1mV
VS = ±5V
TA = 25°C
RL = 1k
0
10mV
1mV
10mV
Slew Rate vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Step
vs Settling Time, AV = –1
Output Voltage Step
vs Settling Time, AV = 1
Large-Signal Transient Response
Small-Signal Transient Response
Output Overload
LT1191 • TPC22
AV = 1, CL = 10pF SCOPE PROBE
LT1191 • TPC24
AV = –1, VIN = 12VP-P
LT1191 • TPC23
AV = 1, SMALL-SIGNAL RISE TIME,
WITH FET PROBES


Similar Part No. - LT1191CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1191CJ8 LINER-LT1191CJ8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
More results

Similar Description - LT1191CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com