Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1191 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1191
Description  Ultrahigh Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1191 Datasheet(HTML) 1 Page - Linear Technology

  LT1191_01 Datasheet HTML 1Page - Linear Technology LT1191_01 Datasheet HTML 2Page - Linear Technology LT1191_01 Datasheet HTML 3Page - Linear Technology LT1191_01 Datasheet HTML 4Page - Linear Technology LT1191_01 Datasheet HTML 5Page - Linear Technology LT1191_01 Datasheet HTML 6Page - Linear Technology LT1191_01 Datasheet HTML 7Page - Linear Technology LT1191_01 Datasheet HTML 8Page - Linear Technology LT1191_01 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1191
Ultrahigh Speed
Operational Amplifier
LT1191 • TA01
+
5V
7
VIN1
VIN2
6
5
LT1191
SHDN
–5V
4
1k
1k
1k
3
2
75
75
CABLE
74HC04
74HC04
+
5V
7
6
5
LT1191
SHDN
–5V
4
3
2
1k
1k
–5V
1k
CMOS IN
CH. SELECT
s
Gain Bandwidth Product, AV = 1: 90MHz
s
Slew Rate: 450V/
µs
s
Low Cost
s
Output Current:
±50mA
s
Settling Time: 110ns to 0.1%
s
Differential Gain Error: 0.07%, (RL = 1k)
s
Differential Phase Error: 0.02
°, (RL = 1k)
s
High Open-Loop Gain: 20V/mV Min
s
Single Supply 5V Operation
s
Output Shutdown
s
Video Cable Drivers
s
Video Signal Processing
s
Fast Integrators
s
Pulse Amplifiers
s
D/A Current to Voltage Conversion
The LT
®1191 is a video operational amplifier optimized for
operation on
±5Vandasingle5Vsupply.Unlikemanyhigh
speed amplifiers, this amplifier features high open-loop
gain, over 90dB, and the ability to drive heavy loads to a
full-power bandwidth of 20MHz at 7VP-P. In addition to its
very fast slew rate, the LT1191 features a unity-gain-stable
bandwidth of 90MHz.
Because the LT1191 is a true operational amplifier, it is an
ideal choice for wideband signal conditioning, fast inte-
grators, active filters, and applications requiring speed,
accuracy and low cost.
The LT1191 is available in 8-pin PDIP and SO packages
with standard pinouts. The normally unused Pin 5 is used
for a shutdown feature that shuts off the output and
reduces power dissipation to a mere 15mW.
Video MUX Cable Driver
FEATURES
DESCRIPTIO
APPLICATIO S
Inverter Pulse Response
LT1190 • TA02
AV = –1, CL = 10pF SCOPE PROBE
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO


Similar Part No. - LT1191_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1191C LINER-LT1191C Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CJ8 LINER-LT1191CJ8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CN8 LINER-LT1191CN8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191CS8 LINER-LT1191CS8 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1191M LINER-LT1191M Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
More results

Similar Description - LT1191_01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com