Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2150 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2150
Description  Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2150 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2150 Datasheet HTML 1Page - Maxim Integrated Products MAX2150 Datasheet HTML 2Page - Maxim Integrated Products MAX2150 Datasheet HTML 3Page - Maxim Integrated Products MAX2150 Datasheet HTML 4Page - Maxim Integrated Products MAX2150 Datasheet HTML 5Page - Maxim Integrated Products MAX2150 Datasheet HTML 6Page - Maxim Integrated Products MAX2150 Datasheet HTML 7Page - Maxim Integrated Products MAX2150 Datasheet HTML 8Page - Maxim Integrated Products MAX2150 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Wideband I/Q Modulator with Sigma-Delta
Fractional-N Synthesizer
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
20
40
60
80
+85
°C
+25
°C
-40
°C
TX MODE
100
0
2.7
3.6
MODULATION OUTPUT POWER
vs. FREQUENCY
FREQUENCY (MHz)
1900
1500
1100
-10
-8
-6
-4
-2
0
2
4
-12
700
2300
+85
°C
+25
°C
-40
°C
TXEN = HIGH
MODULATION OUTPUT POWER
vs. FREQUENCY
FREQUENCY (MHz)
1900
1500
1100
-67
-64
-61
-58
-55
-70
700
2300
+85
°C
+25
°C
-40
°C
TXEN = LOW
OUTPUT POWER vs. LO POWER
LO POWER (dBm)
11
10
8
9
-1.9
-1.8
-1.7
-1.6
-1.5
-1.4
-1.3
-1.2
-1.1
-1.0
-2.0
712
CARRIER AND SIDEBAND
SUPPRESSIONS vs. LO POWER
LO POWER (dBm)
11
10
9
8
33
34
35
36
37
38
32
712
SIDEBAND SUPPRESSION
CARRIER SUPPRESSION
MODULATOR OUTPUT POWER
vs. I/Q INPUT LEVEL
I/Q INPUT LEVEL (mV)
1400
1200
1000
800
600
400
200
-20
-16
-12
-8
-4
0
4
-24
0
-40
°C
+25
°C
+85
°C
Typical Operating Characteristics
(MAX2150 EV kit. VCC = +3V, SHDN = PLLEN = TXEN = high, BUFEN = low. Input I/Q signals: FI/Q = 500kHz, VI/Q = 1VP-P. I+, Q+ sin-
gle-ended input, driven from AC-coupled source. I-, Q- single-ended inputs are AC-coupled to GND. RFOUT and BUFOUT output ports
are terminated in 50
Ω loads. fLO =1750MHz, PLO = -10dBm, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150 MAXIM-MAX2150 Datasheet
404Kb / 7P
   Evaluation Kit
Rev 0; 8/02
MAX2150ETI MAXIM-MAX2150ETI Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150EVKIT MAXIM-MAX2150EVKIT Datasheet
404Kb / 7P
   Evaluation Kit
Rev 0; 8/02
MAX2150 MAXIM-MAX2150_1 Datasheet
404Kb / 7P
   Evaluation Kit
Rev 0; 8/02
More results

Similar Description - MAX2150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com