Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2150ETI+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2150ETI+
Description  Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2150ETI+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2150ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 12Page - Maxim Integrated Products MAX2150ETI+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Detailed Description
Internally, the MAX2150 includes a broadband I/Q
modulator, internally matched broadband output driver
amplifier, fine-resolution fractional-N frequency synthe-
sizer, an LO buffer amplifier, and an on-chip low-noise
crystal oscillator circuit.
A simple 3-wire interface is provided for synthesizer
programming and device configuration and control.
Independent hardware and software power-down con-
trol of the I/Q modulator, frequency synthesizer, and LO
buffer amplifier is provided, as well as the ability to shut
down the entire chip.
I/Q Modulator
The MAX2150 modulator is composed of a pair of
matched double-balanced mixers, a broadband pas-
sive LO quadrature generator, and a summing amplifi-
er. The mixers accept differential I/Q baseband signals
that directly modulate the internal 0
° and 90° LO sig-
nals applied to the I/Q mixers. An external LO source
drives an internal LO quadrature generator that shifts
the phase of the LO signal applied to the Q mixer by
90
° relative to the LO signal applied to the I-channel
mixer. The modulated output of the I/Q mixers is
summed together, and the undesired sideband is sup-
pressed.
The I+, I-, Q+, and Q- input ports feature high-linearity
buffer amplifiers with a typical -3dB bandwidth of
75MHz and accept differential input voltages up to
1VP-P. The ports require external biasing and have an
input common-mode requirement of 1.6V. For single-
ended operation, bypass the I and Q ports to ground.
See the Typical Application Circuit for recommended
component values.
The broadband output driver amplifier is matched on
chip across the entire operating frequency range and
requires an output DC-blocking capacitor. For optimum
performance, the output match can be improved with
simple L-section and/or PI-section matching networks.
Always ensure that DC blocking is provided, because
internal bias voltages are present at this output.
The modulator can be shut down with both hardware
(pin 1) and software (TE bit). This mode is useful for
quiet synthesizer programming or to mute the RF out-
put signal. The hardware pin and software bits must be
set to logic-1 to enable the modulator. If the hardware
pin or software bit is set to logic-0, or if both are set to
logic-0, the modulator is disabled.
LO Buffer Amplifier
The broadband buffer amplifier output is internally
matched and requires a DC-blocking capacitor to iso-
late on-chip bias voltages. Power-down of the LO buffer
can be controlled by both BUFEN (pin 23), as well as
BUFEN by software by setting the BUFEN (BE) bit
through the 3-wire interface. The hardware pin and the
software bit must be a logic-1 to enable the buffer. If
the hardware or software bit is set to logic-0, the LO
buffer is disabled.
Frequency Synthesizer
The MAX2150 features an internal 28-bit sigma-delta
frequency synthesizer. This architecture enables the
use of very high (30MHz) comparison frequencies,
which significantly reduces the in-loop phase noise as
a result of reduced division ratios. The high comparison
frequency also allows significantly increased PLL
bandwidths for very fast switching speed applications.
Divider Programming
The MAX2150 frequency programming is determined
as follows. The overall division ratio (D) has an integer
value (N), as well as a fractional component (F):
D = N.F = N +F / 228
The N and F values are encoded as straight binary
numbers. Determination of these values is illustrated by
the following example:
FLO = 1721.125MHz, FCOMP = 20MHz
Then:
D = 1721.125 / 20 = 86.05625
Therefore:
N = 86 and F = 0.05625 x 228 = 15,099,494
Wideband I/Q Modulator with Sigma-Delta
Fractional-N Synthesizer
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
NAME
FUNCTION
26, 27
I-, I+
Differential I-Channel Baseband Inputs to the Modulator. These pins connect directly to the bases of a
differential pair and require an external common-mode bias voltage of 1.6V.
28
VCC_RF
Supply Voltage Input for RF Circuits. Bypass as close to pin as possible. The bypass capacitor should
not share ground vias with other branches.
Exposed pad
Ground


Similar Part No. - MAX2150ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150ETI MAXIM-MAX2150ETI Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
More results

Similar Description - MAX2150ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com