Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2150ETI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2150ETI
Description  Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2150ETI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2150ETI Datasheet HTML 1Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2150ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Wideband I/Q Modulator with Sigma-Delta
Fractional-N Synthesizer
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODULATION INPUT
BW (-1dB)
26
I/Q Input Bandwidth
BW (-3dB)
75
MHz
I/Q Differential Input Level
Assumes a sine-wave input to achieve the RFOUT output
power specified below
1VP-P
I/Q DC Input Resistance
200
k
I/Q Common-Mode Input Range
(Note 2)
1.5
1.6
1.7
V
RF OUTPUT
Frequency Range
700
2300
MHz
TXEN = high, fRF = 1750MHz
-7
-1
Output Power
TXEN = low, fRF = 1750MHz
-60
dBm
Output 1dB Compression Point
1
dBm
Output IP3
14
dBm
Carrier Suppression
fRF = 1750MHz
34
dBc
Sideband Suppression
fLO - fI/Q, fRF = 1750MHz
25
34
dBc
RF Output Noise Floor
fOFFSET > 40MHz (Note 2)
-148
-143
dBm/Hz
Output Return Loss
(Note 3)
-9
dB
LO INPUT/OUTPUT
Frequency Range
700
2300
MHz
LO Input Power
(Note 2)
-12
-10
-7
dBm
LO Input Return Loss
fLO =2000MHz
-15
dB
LO Buffer Output Level
BUFEN = high (Note 2)
-14
-9.5
dBm
SIGMA-DELTA FRACTIONAL-N SYNTHESIZER
SYSTEM REQUIREMENTS
Frequency Range
(Note 2)
700
2300
MHz
Phase-Detector Input-Referred
Phase Noise Floor
fCOMP = fREF = 20MHz, CP0 = CP1 = CPX = 1 (Note 4)
-138
dBc/Hz
In-Loop Spurious Emissions
fLO = 1740.005MHz, fCOMP = fREF = 20MHz, CP0 = CP1
= CPX = 1 (Note 5)
-40
dBc
MAIN DIVIDER AND PHASE DETECTOR
Minimum Fractional-N Step Size
fCOMP/
228
Phase-Detector Comparison
Frequency
20
30
MHz
Maximum N Division
251
Minimum N Division
35
AC ELECTRICAL CHARACTERISTICS
(MAX2150 EV kit. VCC = +2.7V to +3.6V, SHDN = PLLEN = TXEN = high, BUFEN =low. Input I/Q signals: FI/Q = 500kHz, VI/Q = 1VP-P.
I+, Q+ single-ended input, driven from AC-coupled source. I-, Q- single-ended inputs are AC-coupled to GND. RFOUT and BUFOUT
output ports are terminated in 50
Ω loads. fLO =1750MHz, PLO = -10dBm, typical values are at VCC = +3V, TA = +25°C, unless other-
wise noted.) (Note 1)


Similar Part No. - MAX2150ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150ETI MAXIM-MAX2150ETI Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
More results

Similar Description - MAX2150ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com