Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2108 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2108
Description  Direct-Conversion Tuner IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2108 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2108_05 Datasheet HTML 4Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 5Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 6Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 7Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 8Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 9Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 10Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 11Page - Maxim Integrated Products MAX2108_05 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Direct-Conversion Tuner IC
10
______________________________________________________________________________________
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
16
15
14
13
9
10
MODULUS
CONTROL
GAIN
CONTROL
RFIN
11
12
GND
VCC
IOUT
IOUT
GND
RFIN
RFIN
VCC
VCC
PS_SEL
GC
GND
QOUT
QOUT
GND
VCC
N.C.
LO
LO
N.C.
GND
GND
PSOUT
PSOUT
VCC
VCC
VCC
VCC
C12
22pF
C13
0.1
µF
25
(75
Ω SOURCE) R2
75
R1
75
47pF
LO DRIVE
(-5dBm, 50
Ω SOURCE)
50
47pF
C4
22pF
C5
22pF
C6
1000pF
C7
1000pF
C3
22pF
C1
10pF
C2
0.1
µF
PRESCALER
OUTPUT
MAX2108
BASEBAND
LP
FILTER
BASEBAND
LP
FILTER
Typical Operating Circuit


Similar Part No. - MAX2108_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108CEG MAXIM-MAX2108CEG Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
More results

Similar Description - MAX2108_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com