Part Name
         Description
MAX2057

 1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control ( 12 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 8 page
background image
1700MHz to 2500MHz Variable-Gain
Amplifier with Analog Gain Control
8
_______________________________________________________________________________________
OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
32
34
36
38
40
30
1500
2500
TA = +85
°C
TA = +25
°C
TA = -40
°C
OUTPUT IP2 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
50
55
60
65
70
75
45
1500
2500
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics (continued)
Two Attenuator Configuration
(Typical Application Circuit with two attenuators connected, VCC = +5.0V, R1 = 1.2k
Ω, R2 = 2kΩ, fIN = 2100MHz, maximum gain
setting, POUT = +5dBm, linearity measured at POUT = +5dBm/tone, TA = +25°C, unless otherwise noted.)
REVERSE ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
35
40
45
30
1500
2500
TA = +25
°C
TA = +85
°C
TA = -40
°C
INPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
MAXIMUM GAIN
6dB GAIN REDUCTION
12dB, 18dB, 24dB, 30dB
GAIN REDUCTION
OUTPUT RETURN LOSS
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
35
30
25
20
15
10
5
0
40
1500
2500
6dB, 12dB, 18dB, 24dB,
30dB GAIN REDUCTION
MAXIMUM GAIN
GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1900
1700
-20
-15
-5
-10
0
5
10
15
20
-25
1500
2500
MAXIMUM GAIN
30dB GAIN REDUCTION
REVERSE ISOLATION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
30
40
50
60
70
80
20
1500
2500
30dB GAIN REDUCTION
MAXIMUM GAIN
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
2300
2100
1700
1900
7.0
7.5
6.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
6.0
1500
2500
TA = +85
°C
TA = +25
°C
TA = -40
°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
RF2172_06ISM BAND 3.6V 250mW AMP WITH ANALOG GAIN CONTROL 1 2 3 4 5 MoreRF Micro Devices
TDA7053ASTEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreUnisonic Technologies
AM55-0024_1High Dynamic Range 2 Channel IF Amplifier with Power Control 100 - 400 MHz 1 2 3 4 Tyco Electronics
TPA6017A2_072-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
TPA6130A2_0701138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6030A4_073-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA3003D2_063-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl