Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1174CN8-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1174CN8-5
Description  High Efficiency Step-Down and Inverting DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CN8-5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1174CN8-5 Datasheet HTML 1Page - Linear Technology LTC1174CN8-5 Datasheet HTML 2Page - Linear Technology LTC1174CN8-5 Datasheet HTML 3Page - Linear Technology LTC1174CN8-5 Datasheet HTML 4Page - Linear Technology LTC1174CN8-5 Datasheet HTML 5Page - Linear Technology LTC1174CN8-5 Datasheet HTML 6Page - Linear Technology LTC1174CN8-5 Datasheet HTML 7Page - Linear Technology LTC1174CN8-5 Datasheet HTML 8Page - Linear Technology LTC1174CN8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Load Regulation
LTC1174-3.3 (Note 3)
20mA < ILOAD < 175mA, IPGM = 0V
–5
–70
mV
20mA < ILOAD < 400mA, IPGM = VIN
–45
–70
mV
LTC1174-5 (Note 3)
20mA < ILOAD < 175mA, IPGM = 0V
–5
–70
mV
20mA < ILOAD < 400mA, IPGM = VIN
–50
–70
mV
IQ
Input DC Supply Current (Note 4)
Active Mode
LTC1174: 4V < VIN < 12V, IPGM = 0V
450
600
µA
LTC1174HV: 4V < VIN < 16V, IPGM = 0V
450
600
µA
Sleep Mode
LTC1174: 4V < VIN < 12V
130
180
µA
LTC1174HV: 4V < VIN < 16V
130
180
µA
SHUTDOWN (Note 4)
LTC1174: VSHUTDOWN = 0V, 4V < VIN < 12V
1
10
µA
LTC1174HV: VSHUTDOWN = 0V, 4V < VIN < 16V
2
25
µA
VLBTRIP
Low-Battery Trip Point
1.25
1.4
V
ILBIN
Current into Pin 3
0.5
µA
ILBOUT
Current Sunk by Pin 2
LTC1174: VLBOUT = 0.4V
1.0
1.2
1.5
mA
LTC1174HV: VLBOUT = 0.4V
0.6
0.8
1.5
mA
VHYST
Comparator Hysteresis
LTC1174/LTC1174HV
7.5
15
30
mV
IPEAK
Current Limit
IPGM = VIN, VOUT = 0V
0.54
0.60
0.83
A
IPGM = 0V, VOUT = 0V
0.27
0.34
0.53
A
RON
ON Resistance of Switch
LTC1174
0.75
1.30
LTC1174HV
0.90
1.55
tOFF
Switch Off-Time (Note 6)
VOUT at Regulated Value
3
4
5
µs
VIH
SHUTDOWN Pin High
Minimum Voltage at Pin 8 for Device to Be Active
1.2
V
VIL
SHUTDOWN Pin Low
Maximum Voltage at Pin 8 for Device to Be in Shutdown
0.75
V
IIH
SHUTDOWN Pin Input Current
LTC1174: VSHUTDOWN = 12V
0.5
µA
LTC1174HV: VSHUTDOWN = 16V
2.0
µA
IIL
SHUTDOWN Pin Input Current
0
≤ VSHUTDOWN ≤ 0.8V
0.5
µA
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 9V, VSHUTDOWN = VIN, IPGM = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage
LTC1174I/LTC1174HVI
1.18
1.25
1.31
V
ILBOUT
Current Sunk by Pin 2
VLBOUT = 0.4V (LTC1174I)
0.75
1.2
2.0
mA
VLBOUT = 0.4V (LTC1174HVI)
0.50
0.8
1.6
mA
IPEAK
Current Limit
IPGM = VIN, VOUT = 0V (LTC1174I)
0.54
0.60
0.84
A
IPGM = 0V, VOUT = 0V (LTC1174I)
0.34
A
IPGM = VIN, VOUT = 0V (LTC1174HVI)
0.5
0.60
0.86
A
IPGM = 0V, VOUT = 0V (LTC1174HVI)
0.34
A
tOFF
Switch Off-Time (Note 6)
VOUT at Regulated Value (LTC1174I)
2.0
4
6.0
µs
VOUT at Regulated Value (LTC1174HVI)
1.8
4
6.2
µs
RON
Switch On Resistance
LTC1174I/LTC1174HVI
0.9
1.7
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at – 40
°C ≤ TA ≤ 85°C. LTC1174I and LTC1174HVI Only.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1174CN8, LTC1174CN8-3.3, LTC1174CN8-5:
TJ = TA + (PD × 110°C/W)
LTC1174CS8, LTC1174CS8-3.3, LTC1174CS8-5:
TJ = TA + (PD × 150°C/W)


Similar Part No. - LTC1174CN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174CN8-5 LINER-LTC1174CN8-5 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
More results

Similar Description - LTC1174CN8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com