Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1174-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1174-5
Description  High Efficiency Step-Down and Inverting DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1174-5 Datasheet HTML 6Page - Linear Technology LTC1174-5 Datasheet HTML 7Page - Linear Technology LTC1174-5 Datasheet HTML 8Page - Linear Technology LTC1174-5 Datasheet HTML 9Page - Linear Technology LTC1174-5 Datasheet HTML 10Page - Linear Technology LTC1174-5 Datasheet HTML 11Page - Linear Technology LTC1174-5 Datasheet HTML 12Page - Linear Technology LTC1174-5 Datasheet HTML 13Page - Linear Technology LTC1174-5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
APPLICATIO S I FOR ATIO
output voltage is now taken off the GND pin. Therefore,
the maximum input voltage is now determined by the
difference between the absolute maximum voltage rating
and the output voltage. A maximum of 12V is specified in
Figure 5, giving the circuit a 1.5V of headroom for VIN. Note
that the circuit can operate from a minimum of 4V, making
it ideal for a 4 NiCad cell application. For a higher output
current circuit, please refer to the Typical Applications
section.
Absolute Maximum Ratings and Latchup Prevention
The absolute maximum ratings specify that SW (Pin 5) can
never exceed VIN (Pin 6) by more than 0.3V. Normally this
situation should never occur. It could, however, if the
output is held up while the supply is pulled down. A con-
dition where this could potentially occur is when a battery
is supplying power to an LTC1174/LTC1174-3.3/
LTC1174-5 regulator and also to one or more loads in
parallel with the the regulator’s VIN. If the battery is dis-
connected while the LTC1174/LTC1174-3.3/LTC1174-5
regulator is supplying a light load and one of the parallel
circuits is a heavy load, the input capacitor of the LTC1174/
LTC1174-3.3/LTC1174-5 regulator could be pulled down
faster than the output capacitor, causing the absolute
maximum ratings to be exceeded. The result is often a
latchup which can be destructive if VIN is reapplied. Bat-
tery disconnect is possible as a result of mechanical stress,
bad battery contacts or use of a lithium-ion battery with
a built-in internal disconnect. The user needs to assess
his/her application to determine whether this situation
could occur. If so, additional protection is necessary.
Prevention against latchup can be accomplished by sim-
ply connecting a Schottky diode across the SW and VIN
pins as shown in Figure 6. The diode will normally be
reverse biased unless VIN is pulled below VOUT at which
time the diode will clamp the (VOUT – VIN) potential to less
than the 0.6V required for latchup. Note that a low leakage
Schottky should be used to minimize the effect on no-load
supply current. Schottky diodes such as MBR0530, BAS85
and BAT84 work well. Another more serious effect of the
protection diode leakage is that at no load with nothing to
provide a sink for this leakage current, the output voltage
can potentially float above the maximum allowable toler-
ance. To prevent this from occuring, a resistor must be
connected between VOUT and ground with a value low
enough to sink the maximum possible leakage current.
Figure 4. LTC1174 Adjustable Configuration
R2
R1
1
VOUT
1174 F04
100pF*
6.8nF**
*
**
ADJUSTABLE APPLICATIONS
LOW NOISE APPLICATIONS
LTC1174
VFB
Figure 5. Positive-to-Negative 5V Converter
3
SHUTDOWN
2
7
6
8
1
5
4
50
µH**
VOUT
–5V
45mA
MBRS140T3
1174 F05
*
**
AVX TPSD476K016
COILTRONICS CTX50-4
INPUT VOLTAGE
4V TO 12V
0.1
µF
47
µF*
16V
×2
47
µF*
16V
×2
LTC1174HV-5
LBIN
LBOUT
IPGM
GND
VIN
VOUT
SW
+
+
Figure 6. Preventing Absolute Maximum
Ratings from Being Exceeded
1174 F06
VIN
VOUT
LATCHUP
PROTECTION
SCHOTTKY
SW
LTC1174
LTC1174-3.3
LTC1174-5
+


Similar Part No. - LTC1174-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174-5 LINER-LTC1174-5 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
More results

Similar Description - LTC1174-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1174 LINER-LTC1174_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-3.3 LINER-LTC1174-3.3_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174 LINER-LTC1174 Datasheet
353Kb / 16P
   High Efficiency Step-Down and Inverting DC/DC Converter
LTC1174-5 LINER-LTC1174-5_15 Datasheet
262Kb / 20P
   High Efficiency Step-Down and Inverting DC/DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com