Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1300TT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1300TT
Description  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300TT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1300TT Datasheet HTML 1Page - NXP Semiconductors TDA1300TT Datasheet HTML 2Page - NXP Semiconductors TDA1300TT Datasheet HTML 3Page - NXP Semiconductors TDA1300TT Datasheet HTML 4Page - NXP Semiconductors TDA1300TT Datasheet HTML 5Page - NXP Semiconductors TDA1300TT Datasheet HTML 6Page - NXP Semiconductors TDA1300TT Datasheet HTML 7Page - NXP Semiconductors TDA1300TT Datasheet HTML 8Page - NXP Semiconductors TDA1300TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Jul 15
5
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
FUNCTIONAL DESCRIPTION
The TDA1300T; TDA1300TT can be divided into two main
sections:
• Laser control circuit section
• Photo diode signal filter and amplification section.
Laser control circuit section
The main function of the laser control circuit is to control
the laser diode current in order to achieve a constant light
output power. This is done by monitoring the monitor
diode. There is a fixed relation between light output power
of the laser and the current of the monitor diode. The circuit
can handle P-sub or N-sub monitor diodes.
N-sub MONITOR
In this event pin 14 (ADJ) must be connected to the
positive supply voltage VDD to select the N-sub mode. With
an adjustable resistor (RADJn) across the diode the monitor
current can be adjusted (and so the laser light output
power) if one knows that the control circuit keeps the
monitor voltage Vmon at a constant level of
approximately 150 mV.
P-sub MONITOR
In this event pin 14 (ADJ) is connected via resistor RADJp
to ground. The P-sub mode is selected and pin 14 (ADJ)
acts as reference band gap voltage, providing together
with RADJp an adjustable current lADJ. Now the control
circuit keeps the monitor current at a level which is 10lADJ.
The circuit is built up in three parts:
• The first part is the input stage which is able to switch
between both modes (N-sub or P-sub).
• The second part is the integrator part which makes use
of an external capacitor CL. This capacitor has two
different functions:
– During switch-on of the laser current, it provides a
current slope of typically:
(A/s)
– After switch-on it ensures that the bandwidth equals
(Hz)
in case of P-sub monitor or
∆I
o(L)
t
--------------
10
6
C
L
-----------
B
P
KG
ext
×
90
9
×10
×
C
L
I
mon
×
--------------------------------------------------
(Hz)
in case of N-sub monitor, where
Gext represents the AC gain of an extra loop amplifier,
if applied, and K =
∆I
mon/∆IL which is determined by
the laser/monitor unit. Imon is the average current
(pin 17) at typical light emission power of the laser
diode.
• The third part is the power output stage, its input being
the integrator output signal. This stage has a separate
supply voltage (VDDL), thereby offering the possibility of
reduced power consumption by supplying this pin with
the minimum voltage necessary.
It also has a laser diode protection circuit which comes into
action just before the driving output transistor will get
saturated due to a large voltage dip on VDDL. Saturation
will result in a lower current of the laser diode, which
normally is followed immediately by an increment of the
voltage of the external capacitor CL. This could cause
damage to the laser diode at the end of the dip.
The protection circuit prevents an increment of the
capacitor voltage and thus offers full protection to the laser
diode under these circumstances.
Photo diode signal filter and amplification section
This section has 6 identical current amplifiers.
Amplifiers 1 to 4 are designed to amplify the focus photo
diode signals. Each amplifier has two outputs: an
LF output and an internal RF output. Amplifiers 5 and 6
are used for the radial photo diode currents and only have
an LF output. All 6 output signals are low-pass filtered with
a corner frequency at 69 kHz. The internal RF output
signals are summed together and converted to a voltage
afterwards by means of a selectable transresistance.
This transresistance RRF can be changed between 140 kΩ
(3.3 V application) or 240 k
Ω (5 V application) in
combination with the P-sub monitor. In the event of the
N-sub monitor selection, RRF can be changed between
70 k
Ω (3.3 V application) and 120 kΩ (5 V application).
The RF signal is available directly at pin 10 but there is
also an unfiltered signal available at pin 9.
The used equalization filter has 2 different filter curves:
• One for single-speed mode
• One for double-speed mode.
B
N
R
ADJn
C
L
---------------- KG
ext
×
870
9
×10
×


Similar Part No. - TDA1300TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Similar Description - TDA1300TT

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com