Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2031 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2031
Description  Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2031 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2031_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2031_1 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX2031 evaluation kit (EV kit) simplifies the evalua-
tion of the MAX2031 WCDMA, cdma2000®, GSM, and
WiMAX(SM) base-station up/downconversion mixer. It is
fully assembled and tested at the factory. Standard 50
SMA connectors are included on the EV kit’s input and
output ports to allow quick and easy evaluation on the
test bench.
This document provides a list of test equipment required
to evaluate the device, a straightforward test procedure
to verify functionality, a description of the EV kit circuit,
the circuit schematic, a bill of materials (BOM) for the kit,
and artwork for each layer of the PC board.
Features
o Fully Assembled and Tested
o 50Ω SMA Connectors on Input and Output Ports
o 815MHz to 1000MHz RF Frequency Range
o 960MHz to 1180MHz LO Frequency Range
o DC to 250MHz IF Frequency Range
o 7dB Conversion Loss
o +36dBm Input IP3
o +27dBm Input 1dB Compression Point
o 7dB Noise Figure
o Integrated LO Buffer
o Integrated RF and LO Baluns
o Low -3dBm to +3dBm LO Drive
o Built-In SPDT LO Switch with 49dB LO1 to LO2
Isolation and 50ns Switching Time
o External Current-Setting Resistor Provides Option
for Operating Mixer in Reduced Power/Reduced
Performance Mode
MAX2031 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-3810; Rev 0; 8/05
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX2031EVKIT
-40°C to +85°C
20 Thin QFN-EP*
DESIGNATION
QTY
DESCRIPTION
C1, C2, C7, C8,
C10, C11, C12
7
82pF ±5% 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H820J
C3, C6, C9
3
0.01µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H103K
C4
1
6.0pF ±0.25pF, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H6R0C
(used for upconverter operation)
C5
0
2.0pF ±0.1pF, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H2R0B
(not installed—used for
downconverter operation)
J1–J4
4
PC board edge-mount SMA RF
connectors
(flat-tab launch)
Johnson 142-0741-856
L1
1
4.7nH ±0.3nH inductor (0603)
TOKO LL1608-FS4N7S
(used for upconverter operation)
R1
1
523
Ω ±1% resistor (0603)
DESIGNATION
QTY
DESCRIPTION
R2
1
47k
Ω ±5% resistor (0603)
T1
1
1:1 transformer (50:50)
M/A-COM MABAES0029
TP1
1
Large test point for 0.062in PC board
(red)
Mouser 151-107 or equivalent
TP2
1
Large test point for 0.062in PC board
(black)
Mouser 151-103 or equivalent
TP3
1
Large test point for 0.062in PC board
(white)
Mouser 51-101 or equivalent
U1
1
Active mixer IC (5mm x 5mm 20-pin
thin QFN exposed paddle)
Maxim MAX2031ETP
NOTE: U1 HAS AN EXPOSED
PADDLE CONDUCTOR THAT
REQUIRES IT TO BE SOLDER
ATTACHED TO A GROUNDED
PAD ON THE CIRCUIT BOARD
TO ENSURE A PROPER
ELECTRICAL/THERMAL DESIGN.
*EP = Exposed paddle.
WiMAX is a service mark of Broadband.com, Inc.
cdma2000 is a registered trademark of Telecommunications
Industry Association.


Similar Part No. - MAX2031_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
MAX20310 MAXIM-MAX20310 Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
MAX20310 MAXIM-MAX20310 Datasheet
589Kb / 7P
   Fully Assembled and Tested
Rev 0; 1/17
MAX20310AEWE MAXIM-MAX20310AEWE Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
MAX20310AEWET MAXIM-MAX20310AEWET Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
More results

Similar Description - MAX2031_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com