Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1151 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1151
Description  Dual 짹15V Zero-Drift Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1151 Datasheet(HTML) 1 Page - Linear Technology

  LTC1151_05 Datasheet HTML 1Page - Linear Technology LTC1151_05 Datasheet HTML 2Page - Linear Technology LTC1151_05 Datasheet HTML 3Page - Linear Technology LTC1151_05 Datasheet HTML 4Page - Linear Technology LTC1151_05 Datasheet HTML 5Page - Linear Technology LTC1151_05 Datasheet HTML 6Page - Linear Technology LTC1151_05 Datasheet HTML 7Page - Linear Technology LTC1151_05 Datasheet HTML 8Page - Linear Technology LTC1151_05 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1151
1151fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Dual
±15V Zero-Drift
Operational Amplifier
–15V
–15V
+
15V
0.1
µF
6
5
8
1/2
LTC1151
7
OUTPUT A
100mV/
°C
1151 TA01
240k
51
Ω 100Ω*
0.1
µF
2k
LT1025
15V
470k
VIN K
VO
R
GND
7
3
+
+
TYPE K
0.1
µF
2
3
4
1/2
LTC1151
1
OUTPUT B
100mV/
°C
240k
51
Ω 100Ω*
0.1
µF
2k
+
5
4
TYPE K
* FULL SCALE TRIM: TRIM FOR 10.0V OUTPUT
WITH THERMOCOUPLE AT 100
°C
The LTC
®1151 is a high voltage, high performance dual
zero-drift operational amplifier. The two sample-and-hold
capacitors per amplifier required externally by other chop-
per amplifiers are integrated on-chip. The LTC1151 also
incorporates proprietary high voltage CMOS structures
which allow operation at up to 36V total supply voltage.
The LTC1151 has a typical offset voltage of 0.5
µV,
drift of 0.01
µV/°C, 0.1Hz to 10Hz input noise voltage of
1.5
µVP-P, and a typical voltage gain of 140dB. It has a slew
rate of 3V/
µs and a gain-bandwidth product of 2.5MHz
with a supply current of 0.9mA per amplifier. Overload
recovery times from positive and negative saturation are
3ms and 20ms, respectively.
The LTC1151 is available in a standard 8-lead plastic DIP
package as well as a 16-lead wide body SO. The LTC1151
is pin compatible with industry-standard dual op amps
and runs from standard
±15V supplies, allowing it to plug
in to most standard bipolar op amp sockets while offering
significant improvement in DC performance.
Strain Gauge Amplifiers
Instrumentation Amplifiers
Electronic Scales
Medical Instrumentation
Thermocouple Amplifiers
High Resolution Data Acquisition
Maximum Offset Voltage Drift: 0.05
µV/°C
High Voltage Operation:
±18V
No External Components Required
Maximum Offset Voltage: 5
µV
Low Noise: 1.5
µVP-P (0.1Hz to 10Hz)
Minimum Voltage Gain: 125dB
Minimum CMRR: 106dB
Minimum PSRR: 110dB
Low Supply Current: 0.9mA/Amplifier
Single Supply Operation: 4.75V to 36V
Input Common Mode Range Includes Ground
Typical Overload Recovery Time: 20ms
Available in 8-Lead N8 and 16-Lead SW Packages
Noise Spectrum
±15V Dual Thermocouple Amplifier
FREQUENCY (Hz)
10
20
30
40
60
1
100
1k
10k
1151 TA02
0
10
50
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1151_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151C LINER-LTC1151C Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CS LINER-LTC1151CS Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results

Similar Description - LTC1151_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com