Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2015EUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2015EUA
Description  0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2015EUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2015EUA Datasheet HTML 3Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 4Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 5Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 6Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 7Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 8Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 9Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 10Page - Maxim Integrated Products MAX2015EUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0.1GHz to 3GHz, 75dB Logarithmic
Detector/Controller
_______________________________________________________________________________________
7
RF PULSE RESPONSE
TIME (50ns/div)
-0.5
0
0.5
1.0
1.5
2.0
2.5
-1.0
fIN = 100MHz
VOUT
RFIN
(AC-COUPLED)
S11 MAGNITUDE
FREQUENCY (GHz)
2.5
2.0
1.5
1.0
0.5
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
-25.0
0
3.0
VCC = 2.7V, 3.0V
VCC = 3.3V, 3.6V
S11 MAGNITUDE
FREQUENCY (GHz)
2.5
2.0
1.5
1.0
0.5
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
-25.0
03.0
TA = -40°C
TA = +25°C
TA = +85°C
Typical Operating Characteristics (continued)
(MAX2015 typical application circuit (Figure 1), VS = VCC = 3.3V, PIN = -10dBm, fIN = 100MHz, R1 = 0Ω, R4 = 0Ω, RL = 10kΩ, VPWDN =
0V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1, 4
VCC
Supply Voltage. Bypass with capacitors as specified in the application drawing. Place capacitors as
close to the pin as possible (see the Power-Supply Connections section).
2, 3
INHI, INLO
Differential RF Inputs
5
PWDN
Power-Down Input. Drive PWDN with a logic-high to power down the IC. PWDN must be connected to
GND for VS between 4.75V and 5.25V with R4 = 75Ω.
6
GND
Ground. Connect to the PCB ground plane.
7
SET
Set-Point Input. To operate in detector mode, connect SET to OUT. To operate in controller mode,
connect a precision voltage source to control the power level of a power amplifier.
8
OUT
Detector Output. In detector mode, this output provides a voltage proportional to the log of the input
power. In controller mode, this output is connected to a power-control input on a power amplifier (PA).
—EP
Exposed Paddle (TDFN package only). Connect EP to GND using multiple vias, or the EP can also be left
unconnected.


Similar Part No. - MAX2015EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015EUA-T MAXIM-MAX2015EUA-T Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
More results

Similar Description - MAX2015EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Will Semiconductor Ltd.
WS7802DF WILLSEMI-WS7802DF Datasheet
617Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com