Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2014ETA-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2014ETA-T
Description  50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2014ETA-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2014ETA-T Datasheet HTML 1Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 2Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 3Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 4Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 5Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 6Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 7Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 8Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX2014 complete multistage logarithmic amplifier is
designed to accurately convert radio-frequency (RF) sig-
nal power in the 50MHz to 1000MHz frequency range to
an equivalent DC voltage. The outstanding dynamic range
and precision over temperature of this log amplifier make it
particularly useful for a variety of base-station and other
wireless applications, including automatic gain control
(AGC), transmitter power measurements, and received-
signal-strength indication (RSSI) for terminal devices.
The MAX2014 can also be operated in a controller
mode where it measures, compares, and controls the
output power of a variable-gain amplifier as part of a
fully integrated AGC loop.
This logarithmic amplifier provides much wider mea-
surement range and superior accuracy compared to
controllers based on diode detectors, while achieving
excellent temperature stability over the full -40°C to
+85°C operating range.
Applications
AGC Measurement and Control
RF Transmitter Power Measurement
RSSI Measurements
Cellular Base-Station, WLAN, Microwave Link,
Radar, and other Military Applications
Optical Networks
Features
♦ Complete RF Detector/Controller
♦ 50MHz to 1000MHz Frequency Range
♦ Exceptional Accuracy Over Temperature
♦ High Dynamic Range
♦ 2.7V to 5.25V Supply Voltage Range*
♦ Scaling Stable Over Supply and Temperature
Variations
♦ Controller Mode with Error Output
♦ Shutdown Mode with Typically 1µA of Supply
Current
♦ Available in 8-Pin TDFN Package
50MHz to 1000MHz, 75dB Logarithmic
Detector/Controller
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX2014
7dB
Σ
50
Ω
20k
Ω
SET
OUT
8
7
2
INHI
INLO
3
6
1, 4
PWDN
5
20k
Ω
Σ
7dB
Σ
7dB
VCC
GND
POWER DETECTORS
OFFSET AND COMMON-
MODE AMP
Functional Diagram
19-0583; Rev 0; 6/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX2014ETA-T
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
MAX2014ETA+T
-40°C to +85°C
8 TDFN-EP*
(3mm x 3mm)
T833-2
*See the Power-Supply Connections section.
+Denotes lead-free package.
T = Tape-and-reel package.
*EP = Exposed paddle.


Similar Part No. - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014ETA++ MAXIM-MAX2014ETA+ Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014ETA+T MAXIM-MAX2014ETA+T Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results

Similar Description - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com