Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1147LCS8-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1147LCS8-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147LCS8-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1147LCS8-3.3 Datasheet HTML 1Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 2Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 3Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1147LCS8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
High Efficiency Step-Down
Switching Regulator Controllers
Figure 1. High Efficiency Step-Down Converter
APPLICATI
TYPICAL
, LTC and LT are registered trademarks of Linear Technology Corporation.
0V = NORMAL
>1.5V = SHUTDOWN
P-CHANNEL
Si4431DY
+
1
µF
L*
50
µH
RSENSE**
0.05
VOUT
5V/2A
+
CIN
100
µF
VIN (5.2V TO 14V)
ITH
CT
CT
470pF
CC
3300pF
RC
1k
+
COUT
390
µF
D1
MBRD330
LT1147 • F01
GND
VIN
PDRIVE
LTC1147-5
SHDN
SENSE+
SENSE
1000pF
COILTRONICS CTX50-2-MP
KRL SL-1-C1-0R050J
*
**
LOAD CURRENT (A)
0.001
70
90
95
100
0.01
0.1
1
LT1147 • TA01
85
80
75
VIN = 6V
VIN = 10V
LTC1147-5 Efficiency
s
Very High Efficiency: Over 95% Possible
s
Wide VIN Range: 3.5V* to 16V
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
High Efficiency Maintained Over Three Decades of
Output Current
s
Low 160
µA Standby Current at Light Loads
s
Logic Controlled Micropower Shutdown: IQ < 20µA
s
Short-Circuit Protection
s
Very Low Dropout Operation: 100% Duty Cycle
s
High Efficiency in a Small Amount of Board Space
s
Output Can Be Externally Held High in Shutdown
s
Available in 8-Pin SO Package
The LTC
®1147 series are step-down switching regulator
controllers featuring automatic Burst Mode
TM operation to
maintain high efficiencies at low output currents. These
devices drive an external P-channel power MOSFET at
switching frequencies exceeding 400kHz using a constant
off-time current mode architecture providing constant
ripple current in the inductor.
The operating current level is user-programmable via an
external current sense resistor. Wide input supply range
allows operation from 3.5V* to 14V (16V maximum).
Constant off-time architecture provides low dropout regu-
lation limited by only the RDS(ON) of the external MOSFET
and resistance of the inductor and current sense resistor.
The LTC1147 series incorporates automatic power saving
Burst Mode operation to reduce switching losses when
load currents drop below the level required for continuous
operation. Standby power is reduced to only 2mW at
VIN = 10V (at IOUT = 0). Load currents in Burst Mode
operation are typically 0mA to 300mA.
For applications where even higher efficiency is required,
refer to the LTC1148 data sheet and Application Note 54.
Burst Mode is a trademark of Linear Technology Corporation.
*LTC1147L and LTC1147L-3.3 only.
FEATURES
DESCRIPTIO
APPLICATIO S
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Battery-Operated Digital Devices
s
Cellular Telephones
s
DC Power Distribution Systems
s
GPS Systems


Similar Part No. - LTC1147LCS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147LCS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com