Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1148 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1148_04 Datasheet HTML 3Page - Linear Technology LTC1148_04 Datasheet HTML 4Page - Linear Technology LTC1148_04 Datasheet HTML 5Page - Linear Technology LTC1148_04 Datasheet HTML 6Page - Linear Technology LTC1148_04 Datasheet HTML 7Page - Linear Technology LTC1148_04 Datasheet HTML 8Page - Linear Technology LTC1148_04 Datasheet HTML 9Page - Linear Technology LTC1148_04 Datasheet HTML 10Page - Linear Technology LTC1148_04 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
OPERATIO
The LTC1148 series uses a current mode, constant off-
time architecture to synchronously switch an external
pair of complementary power MOSFETs. Operating fre-
quency is set by an external capacitor at the timing
capacitor Pin 4.
The output voltage is sensed by an internal voltage
divider connected to SENSE Pin 7 (LTC1148-3.3 and
LTC1148-5) or external divider returned to VFB Pin 9
(LTC1148). A voltage comparator V, and a gain block G,
compare the divided output voltage with a reference
voltage of 1.25V. To optimize efficiency, the LTC1148
series automatically switches between two modes of
operation, burst and continuous. The voltage compara-
tor is the primary control element when the device is in
Burst Mode operation, while the gain block controls the
output voltage in continuous mode.
During the switch “ON” cycle in continuous mode, current
comparator C monitors the voltage between Pins 7 and 8
connected across an external shunt in series with the
inductor. When the voltage across the shunt reaches its
threshold value, the P-drive output is switched to VIN,
turning off the P-channel MOSFET. The timing capacitor
connected to Pin 4 is now allowed to discharge at a rate
determined by the off-time controller. The discharge cur-
rent is made proportional to the output voltage (measured
by Pin 7) to model the inductor current, which decays at
a rate which is also proportional to the output voltage.
While the timing capacitor is discharging, the N-drive
output goes to VIN, turning on the N-channel MOSFET.
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, setting the flip-flop. This
causes the N-drive output to go low (turning off the N-
channel MOSFET) and the P-drive output to also go low
(turning the P-channel MOSFET back on). The cycle
then repeats.
As the load current increases, the output voltage de-
creases slightly. This causes the output of the gain stage
(Pin 6) to increase the current comparator threshold, thus
tracking the load current.
The sequence of events for Burst Mode operation is very
similar to continuous operation with the cycle interrupted
by the voltage comparator. When the output voltage is at
or above the desired regulated value, the P-channel MOSFET
is held off by comparator V and the timing capacitor
continues to discharge below VTH1. When the timing
capacitor discharges past VTH2, voltage comparator S
trips, causing the internal sleep line to go low and the N-
channel MOSFET to turn off.
The circuit now enters sleep mode with both power
MOSFETs turned off. In sleep mode, a majority of the
circuitry is turned off, dropping the quiescent current
from 1.6mA to 160µA. The load current is now being
supplied from the output capacitor. When the output
voltage has dropped by the amount of hysteresis in
comparator V, the P-channel MOSFET is again turned on
and the process repeats.
To avoid the operation of the current loop interfering with
Burst Mode operation, a built-in offset (VOS) is incorpo-
rated in the gain stage. This prevents the current compara-
tor threshold from increasing until the output voltage has
dropped below a minimum threshold.
To prevent both the external MOSFETs from ever being
turned on at the same time, feedback is incorporated to
sense the state of the driver output pins. Before the
N-drive output can go high, the P-drive output must also
be high. Likewise, the P-drive output is prevented from
going low while the N-drive output is high.
Using constant off-time architecture, the operating fre-
quency is a function of the input voltage. To minimize the
frequency variation as dropout is approached, the off-time
controller increases the discharge current as VIN drops
below VOUT + 1.5V. In dropout the P-channel MOSFET is
turned on continuously (100% duty cycle), providing
extremely low dropout operation.


Similar Part No. - LTC1148_04

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148-3.3 LINER-LTC1148-3.3 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-3.3 LINER-LTC1148-3.3_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148CN LINER-LTC1148CN Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1148_04

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com