Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026S+QCN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4026S+QCN
Description  12.8MHz to 51.84MHz TCXO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+QCN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4026S+QCN Datasheet HTML 4Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 5Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 6Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 7Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 8Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 9Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 10Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 11Page - Maxim Integrated Products DS4026S+QCN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The output driver is a CMOS square-wave output with
symmetrical rise and fall time.
The temperature sensor provides a 12-bit temperature
reading with a resolution of 0.0625°C. The sensor is in
continuous conversion mode unless the DCOMP bit in the
control register is set to disable temperature updates.
The controller coordinates the conversion of tempera-
ture into digital codes. When the temperature reading is
different from the previous one or the frequency tuning
register is changed, the controller looks up the two cor-
responding capacitance trim codes from the lookup
table at a 0.5°C increment. The trim codes are interpo-
lated to 0.0625°C resolution.
The result is added with the tuning value from the fre-
quency tuning register and loaded into the DAC regis-
ters to adjust voltage output. The monotonic DAC
provides an analog voltage based on temperature
compensation to drive the variable capacitor.
The DS4026 operates as a slave device on the serial
bus. Access is obtained by implementing a START
condition and providing a device identification code fol-
lowed by data. Subsequent registers can be accessed
sequentially until a STOP condition is executed.
Address Map
Disable Compensation Update (DCOMP)
DCOMP is bit 7 of the frequency tuning register (see
the
Frequency Tuning Register (00h–01h), POR = 00h
table). When set to logic 1, this bit’s temperature-com-
pensation function is disabled. This disabling prevents
the variable capacitor in the oscillator block from
changing. However, the temperature register still per-
forms temperature conversions. The temperature trim
code from the last temperature conversion before
DCOMP is enabled is used for temperature compensa-
tion. The FTUNE registers are still functional when
DCOMP is disabled.
The frequency tuning registers adjust the base frequen-
cy. The frequency tuning value is represented in two’s
complement data. Bit 6 of FTUNEH is the sign, bit 5 is
the MSB, and bit 0 of FTUNEL is the LSB (see Table 1).
When the tuning register low (01h) is programmed with
a value, the next temperature update cycle sums the
programmed value with the factory compensated
value. This allows the user to digitally control the base
frequency using the I2C protocol.
These frequency tuning register bits allow the tuning of
the base frequency. Each bit typically represents
about 1ppb (typ). For FTUNEH = 3Fh and FTUNEL =
FFh, the device pushes the base frequency by approx-
imately +15ppm.
12.8MHz to 51.84MHz TCXO
_____________________________________________________________________
9
Frequency Tuning Register (00h–01h), POR = 00h
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
DCOMP
Sign
Data
Data
Data
Data
Data
Data
POR
0
0
0
000
00
01h
Data
Data
Data
Data
Data
Data
Data
Data
POR
0
0
0
000
00
Temperature Register (02h–03h)
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
02h
Sign
Data
Data
Data
Data
Data
Data
Data
POR
0
0
0
000
00
03h
Data
Data
Data
Data
0
0
0
0
POR
0
0
0
000
00


Similar Part No. - DS4026S+QCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+BCC MAXIM-DS4026S+BCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+BCN MAXIM-DS4026S+BCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCC MAXIM-DS4026S+HCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+HCN MAXIM-DS4026S+HCN Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
DS4026S+JCC MAXIM-DS4026S+JCC Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
More results

Similar Description - DS4026S+QCN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
TAI-SAW TECHNOLOGY CO.,...
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
   SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TZ1457A TAI-SAW-TZ1457A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1962A TAI-SAW-TZ1962A Datasheet
911Kb / 5P
   HC43U DIP 12.8MHz Crystal Unit
REV. NO.: 2.0
TZ0438A TAI-SAW-TZ0438A Datasheet
218Kb / 5P
   SMD 5.0x3.2 12.8MHz Crystal Unit
REV. NO.: 1
TZ1365A TAI-SAW-TZ1365A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.8MHz
REV. NO.: 2
TZ1562A TAI-SAW-TZ1562A Datasheet
375Kb / 8P
   SMD 4.0x2.5 12.8MHz Crystal Unit
REV. NO.: 1
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com