Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1120AIS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1120AIS8
Description  Micropower Regulator with Comparator and Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120AIS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1120AIS8 Datasheet HTML 1Page - Linear Technology LT1120AIS8 Datasheet HTML 2Page - Linear Technology LT1120AIS8 Datasheet HTML 3Page - Linear Technology LT1120AIS8 Datasheet HTML 4Page - Linear Technology LT1120AIS8 Datasheet HTML 5Page - Linear Technology LT1120AIS8 Datasheet HTML 6Page - Linear Technology LT1120AIS8 Datasheet HTML 7Page - Linear Technology LT1120AIS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1120A
1120afa
REGULATOR OUTPUT CURRENT (mA)
0.1
0
40
1
1000
1120A G10
10
20
100
35
30
25
15
10
5
TJ = –55°C
TJ = 25°C
TJ = 125°C
REGULATOR OUTPUT CURRENT (mA)
0.1
0.01
1
1
1000
1120A G04
10
0.1
100
∆VOUT = 100mV
Regulator Minimum Load Current
Regulator Ripple Rejection
Supply Current at Dropout
Reference Regulation
TEMPERATURE (
°C)
70
1
100
80
150
1120A G05
110
10
130
90
100
120
140
RIPPLE FREQUENCY (Hz)
10
30
70
1k
100k
1120A G06
10k
100
65
60
55
50
45
40
35
IOUT = 100mA
IOUT = 10mA
VIN = 10VDC,
1VP-P
VOUT = 5V
COUT = 10µF
IOUT = 1mA
REGULATOR INPUT-OUTPUT DIFFERENTIAL (V)
0
0.01
0.1
10
0.2
0.6
1120A G08
0.3
1
0.1
0.5
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
0.4
REFERENCE OUTPUT CURRENT (mA)
–1.5
–4
4
0
1.5
1120A G09
0.5
–1.0
3
2
1
0
–1
–2
–3
–0.5
1.0
Dropout Voltage
Supply Current
REGULATOR INPUT-OUTPUT DIFFERENTIAL (V)
1
0.01
0.1
10
10
25
1120A G07
15
1
5
20
IOUT = 100mA
IOUT = 10mA
VOUT = 5V
IOUT = 1mA
Feedback Pin Current
Regulator Thermal Regulation
Turn-On Characteristic
TIME (ms)
0
0.1
180
1120A G11
80
0
–0.1
50
0
20 40 60
100 120 140 160
VIN = 15V
VOUT = 5V
INPUT VOLTAGE (V)
0
5.5
1120A G12
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
12
3
4
5
6
7
8
VOUT = 5V
NO LOAD
RL = 500Ω
RL = 50Ω
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1120AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120A LINER-LT1120A Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120AC LINER-LT1120AC Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120ACN8 LINER-LT1120ACN8 Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com