Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1120AIS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1120AIS8
Description  Micropower Regulator with Comparator and Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120AIS8 Datasheet(HTML) 7 Page - Linear Technology

  LT1120AIS8 Datasheet HTML 1Page - Linear Technology LT1120AIS8 Datasheet HTML 2Page - Linear Technology LT1120AIS8 Datasheet HTML 3Page - Linear Technology LT1120AIS8 Datasheet HTML 4Page - Linear Technology LT1120AIS8 Datasheet HTML 5Page - Linear Technology LT1120AIS8 Datasheet HTML 6Page - Linear Technology LT1120AIS8 Datasheet HTML 7Page - Linear Technology LT1120AIS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1120A
1120afa
1120A TA04
+
C1
R1
AT AV = 100,
SLEW RATE = +0.05V/
µs
– 6V/
µs
1M
C2
R2
IN
6
VREF
7
50
µA
AV
–1
–10
–100
R1
33
100
10k
C1
0.1
µF
0.047
µF
0.002
µF
C2
0.001
µF
R2
1M
100k
10k
Compensating the Comparator as an Op Amp
Regulator with Output Voltage Monitor
1120A TA03
+
LOGIC
500k
5V
LOGIC
OUTPUT
7
REF
6
LT1120A
5
VIN
OUTPUT
1
GND
FEEDBACK
4
8
2
0.001
µF
98k
2k
100k
10
µF
OUTPUT
5V
LOGIC OUTPUT GOES LOW WHEN
VOUT DROPS BY 100mV
+
VOUT
PIN 7
LOGIC OUTPUT
Current Limited 1 Amp Regulator
LT1120A
1
GND
1M
100k
220
µF
+
0.22
µF
VOUT
270
2.2k
5
VIN
4
2
FB
0.5
Ω*
VIN
VOUT
5V AT 1A
* SETS CURRENT
LIMIT BUT INCREASES
DROPOUT VOLTAGE
BY 0.5V.
MUST HAVE LOW
ESR. SEVERAL 100
µF
CAPACITORS CAN BE
PARALLELED.
1120A TA06
MJE2955
2N3906*
Battery Backup Regulator
1120A TA05
VOUT
FB
4
VOUT
5V
2
0.001
µF
1M
50k
1M
10
µF
LT1120A
1
GND
5
VIN
BATTERY
INPUT
VIN
FB
LT1120A
1
GND
VOUT
5
MAIN
POWER
INPUT
+
4
2
VIN
VOUT
INTERNAL PARASITIC
DIODES OF LT1120A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO S


Similar Part No. - LT1120AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120A LINER-LT1120A Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120AC LINER-LT1120AC Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120ACN8 LINER-LT1120ACN8 Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com