Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1117 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1117
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117 Datasheet(HTML) 3 Page - Linear Technology

  LT1117 Datasheet HTML 1Page - Linear Technology LT1117 Datasheet HTML 2Page - Linear Technology LT1117 Datasheet HTML 3Page - Linear Technology LT1117 Datasheet HTML 4Page - Linear Technology LT1117 Datasheet HTML 5Page - Linear Technology LT1117 Datasheet HTML 6Page - Linear Technology LT1117 Datasheet HTML 7Page - Linear Technology LT1117 Datasheet HTML 8Page - Linear Technology LT1117 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
LT1117
(VIN – VOUT) = 3V, 10mA ≤ IOUT ≤ 800mA (Note 2)
q
0.1
0.4
%
LT1117-2.85
VIN = 4.25V, 0 ≤ IOUT ≤ 800mA (Note 2)
q
110
mV
LT1117-3.3
VIN = 4.75V, 0 ≤ IOUT ≤ 800mA (Note 2)
q
110
mV
LT1117-5
VIN = 6.5V, 0 ≤ IOUT ≤ 800mA (Note 2)
q
115
mV
Dropout Voltage
IOUT = 100mA, 0°C ≤ TJ ≤ 125°C (Note 3)
1.00
1.10
V
IOUT = 500mA, 0°C ≤ TJ ≤ 125°C (Note 3)
1.05
1.15
V
IOUT = 800mA, 0°C ≤ TJ ≤ 125°C (Note 3)
1.10
1.20
V
IOUT = 100mA, – 40°C ≤ TJ < 0°C (Note 3)
1.00
1.20
V
IOUT = 500mA, – 40°C ≤ TJ < 0°C (Note 3)
1.05
1.25
V
IOUT = 800mA, – 40°C ≤ TJ < 0°C (Note 3)
1.10
1.30
V
Current Limit
(VIN – VOUT) = 5V, TJ = 25°C,
800
950
1200
mA
Minimum Load Current
LT1117
(VIN – VOUT) = 15V (Note 4)
q
1.7
5
mA
Quiescent Current
LT1117-2.85
VIN ≤ 10V
q
510
mA
LT1117-3.3
VIN ≤ 15V
q
510
mA
LT1117-5
VIN ≤ 15V
q
510
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.01
0.1
%/W
Ripple Rejection
fRIPPLE = 120Hz, (VIN – VOUT) = 3V, VRIPPLE = 1VP-P
q
60
75
dB
Adjust Pin Current
q
55
120
µA
Adjust Pin Current Change
10mA
≤ IOUT ≤ 800mA, 1.4V ≤ (VIN – VOUT) ≤ 10V
q
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
(Junction-to-Case, at Tab)
15
°C/W
ELECTRICAL C
C
HARA TERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
to the device may be imparied.
Note 2: See thermal regulation specification for changes in output voltage
due to heating effects. Load regulation and line regulation are measured at
a constant junction temperature by low duty cycle pulse testing.
Note 3: Dropout voltage is specified over the full output current range of
the device. Dropout voltage is defined as the minimum input/output
differential measured at the specified output current. Test points and limits
are also shown on the Dropout Voltage curve.
Note 4: Minimum load current is defined as the minimum output current
required to maintain regulation.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Minimum Operating Current
(Adjustable Device)
Short-Circuit Current
Load Regulation
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
10
15
20
LT1117 • TPC02
5
TJ = 25°C
TJ = 125°C
TJ = –55°C
2
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
0.25
0.50
0.75
1.25
10
15
LT1117 • TPC03
5
1.00
TJ = 25°C
TJ = 125°C
TEMPERATURE (
°C)
–50
– 0.20
– 0.15
– 0.10
– 0.05
0.10
50
75
125
LT1117 • TPC04
0
0.05
0
–25
25
100
∆ I
LOAD = 800mA


Similar Part No. - LT1117

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com