Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1036CK Datasheet(PDF) 3 Page - Linear Technology

Part # LT1036CK
Description  Logic Controlled Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1036CK Datasheet(HTML) 3 Page - Linear Technology

  LT1036CK Datasheet HTML 1Page - Linear Technology LT1036CK Datasheet HTML 2Page - Linear Technology LT1036CK Datasheet HTML 3Page - Linear Technology LT1036CK Datasheet HTML 4Page - Linear Technology LT1036CK Datasheet HTML 5Page - Linear Technology LT1036CK Datasheet HTML 6Page - Linear Technology LT1036CK Datasheet HTML 7Page - Linear Technology LT1036CK Datasheet HTML 8Page - Linear Technology LT1036CK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1036
1036fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Unless otherwise indicated, these specifications apply for
VIN = 15V, IO = 0mA, and TJ = 25°C.
Note 3: Line and load regulation is measured using a low duty cycle pulse,
causing little change in the junction temperature. Effects due to thermal
gradients and device heating must be taken into account separately.
Note 4: When the enable pin is at a low logic level, current flows out of the
enable pin.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VO
Output Voltage
TJ = 25°C
4.9
5.0
5.1
V
7.2V
≤ VIN ≤ 30V
0mA
≤ IO ≤ 75mA
q
4.8
5.0
5.2
V
∆VO
Load
7.2V
≤ VIN ≤ 30V
∆IO
Regulation
0mA
≤ IO ≤ 75mA (Note 3)
q
515
mV
∆VO
Line
7.2V
≤ VIN ≤ 30V
0.2
1
mV/V
∆VIN
Regulation
(Note 3)
2
mV/V
Ripple Rejection
50Hz
≤ f ≤ 500Hz
74
dB
ISC
Short Circuit
7.0V
≤ VIN ≤ 30V
140
250
mA
Current (Note 8)
VIN
Input Voltage to
(Note 6)
Maintain Regulation
IO ≤ 10mA
q
6.2
6.5
V
(Dropout Voltage)
IO = 75mA
q
6.8
7.2
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VEN
Enable Threshold Voltage
7.0V
≤ VIN ≤ 30V
1.45
1.6
1.7
V
TJ = 25°C
q
1.3
1.6
1.8
V
Enable Pin Current
VEN ≤ 1V (Note 4)
q
0
1.5
12
µA
VEN ≤ 2.4V
q
06
µA
Note 5: Pulse length for this measurement is 20ms.
Note 6: Input voltage is reduced until output drops by 100mV from its
initial value.
Note 7: See “Guaranteed Load Current” graph.
Note 8: Continuous shorts on the auxiliary output are not allowed unless
adequate heat sinking is used to maintain junction temperature below
150
°C.
Note 9: Guaranteed but not tested.
Logic Control (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent
Output High
4
5.5
mA
Current
Output Low
3
4.5
mA
θJC
Thermal Resistance,
TO-220
2
3
°C/W
Junction to Case
The q denotes the specifications which apply over the full operating
temperature range. Main Regulator (Note 2) VIN = 15V unless otherwise noted.
Auxiliary Regulator (Note 2)


Similar Part No. - LT1036CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1036CK LINER-LT1036CK Datasheet
577Kb / 8P
   Logic Controlled Regulator?
More results

Similar Description - LT1036CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
   Logic Controlled Regulator?
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
   Logic Controlled Regulator
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
   Logic Controlled Regulator
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
   Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
   Logic-controlled electronic shutdown
March 2014 Rev 3
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
   Logic-controlled electronic shutdown
January 2017 Rev 30
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com