Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH4V64AXJJ-6S Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MH4V64AXJJ-6S
Description  FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH4V64AXJJ-6S Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MH4V64AXJJ-6S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4V64AXJJ-6S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MH4V64/644AXJJ-5,-6,-5S,-6S
FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MITSUBISHI
ELECTRIC
MITSUBISHI LSIs
(
/ 25 )
Preliminary
Preliminary
Some of contents are subject
to change without notice.
MIT-DS-0072-0.5
26/Feb./1997
4
Serial Presence Detece TABLE (MH4V64AXJJ-5,-6)
Bytes
Function described
SPD entry data
SPD DATA entry(Hex)
1
Total # bytes of SPD memory device
256 Bytes
08
2
Fundamental memory type
FPM DRAM
01
3
# Row Addresses on this assembly
A0-A12
0D
4
# Column Addresses on this assembly
A0-A8
09
5
# Module Banks on this assembly
1bank
01
6
Data Width of this assembly...
x64
40
7
... Data Width continuation
0
00
8
Voltage interface standard of this assembly
3.3V LVTTL
02
9
RAS# access time of this assembly
-5
50ns
32
-6
60ns
3C
10
CAS# access time of this assembly
-5
13ns
0D
-6
15ns
0F
11
DIMM Configuration type (Non-parity,Parity,ECC)
non parity
00
12
Refresh Rate/Type
N/R(15.625uS)
00
13
DRAM width,Primary DRAM
x16
10
14
Error Checking DRAM data width
N/A
00
15-31
Reserved for future offerings
open
00
32-61
Superset Memory type(may be used in future)
open
00
62
SPD Data Revision Code
Rev 1
01
63
Checksum for bytes 0-62
Check sum for -5
32
Check sum for -6
3E
64-71
Manufacturers JEDEC ID code per JEP-106
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufacturer's Part Number
MH4V64AXJJ-5
4D483456363441584A4A2D352D35202020202020
MH4V64AXJJ-6
4D483456363441584A4A2D362D36202020202020
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yy/ww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacturer Specific Data
open
00
126-127
Reserved
open
00
128-255
Open User Free-Form area not defined
open
00


Similar Part No. - MH4V64AXJJ-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V64AWXJ-6 MITSUBISHI-MH4V64AWXJ-6 Datasheet
170Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results

Similar Description - MH4V64AXJJ-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com